Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 63 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 63 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 59Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 60Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 61Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 62Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 63Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 64Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 65Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 66Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 67Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 716 page
background image
Chapter 3 Signals
3-9
3.1.14 ETHER Interface Signals (Channel 1)
Table 3.1.14 ETHER Interface Signals (Channel 1)
Signal Name
Type
Description
Initial State
E1COL
Input
Collision detection signal
This is collision detection signal. This signal is common with the other functions (refer to
Section “3.3 Pin multiplex”). Use the configuration setting during boot-up.
Input
E1TXCLK
Input
Transmit clock
This is IO write signal. This signal is common with the other functions (refer to Section
“3.3 Pin multiplex”). Use the configuration setting during boot-up.
Input
E1TXD[3:0]
Output
Transmit data
This is the transmitting data signal. These signals are common with the other functions
(refer to Section “3.3 Pin multiplex”). Use the configuration setting during boot-up.
Low
E1TXEN
Output
Transmit Enable
This is the transmitting enable signal. These signals are common with the other functions
(refer to Section “3.3 Pin multiplex”). Use the configuration setting during boot-up.
Low
E1TXER
Output
Transmit Error indicator
This is the transmitting error signal. These signals are common with the other functions
(refer to Section “3.3 Pin multiplex”).
Low
E1CRS
Input
Carrier sense signal
This is the carrier sense signal. These signals are common with the other functions (refer
to Section “3.3 Pin multiplex”). Use the configuration setting during boot-up.
Input
E1RXCLK
Input
Receive clock
This is the receive clock signal. These signals are common with the other functions (refer
to Section “3.3 Pin multiplex”). Use the configuration setting during boot-up.
Input
E1RXD[3:0]
Input
Receive data
This is the receive data signal. These signals are common with the other functions(refer
to Section “3.3 Pin multiplex”). Use the configuration setting during boot-up.
Input
E1RXDV
Input
PU
Receive data valid signal
This is the receive data valid signal. These signals are common with the other functions
(refer to Section “3.3 Pin multiplex”). Use the configuration setting during boot-up.
Input
E1RXER
Input
Receive Error indicator input
This is the receive error indicator signal. These signals are common with the other
functions (refer to Section “3.3 Pin multiplex”). Use the configuration setting during boot-
up.
Input
E1MDC
Output
Management data clock output
This is the management data clock signal. These signals are common with the other
functions (refer to Section “3.3 Pin multiplex”). Use the configuration setting during boot-
up.
Low
E1MDIO
Input/output
PU
Management data bi-directional signal
This is the management data bi-directional signal. These signals are common with the
other functions (refer to Section “3.3 Pin multiplex”). Use the configuration setting during
boot-up.
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com