Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 68 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 68 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 64Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 65Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 66Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 67Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 68Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 69Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 70Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 71Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 72Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 716 page
background image
Chapter 3 Signals
3-14
Table 3.2.2 Boot Configuration Specified with the ADDR[19:0] Signals (1/2)
Signal
Description
Corresponding
Register Bit
Configuration
Determined at
ADDR[19]
PCI Controller Mode Select
Specifies the operating mode of the TX4938 PCI controller.
L = Satellite
H = Host
CCFG. PCIMODE
RESET* deassert edge
ADDR[18]
Select Shared I/O Pins
Specifies the function of the PIO[15:8]/CB[7:0] shared pins.
L = PIO[15:8]
H = CB[7:0]
PCFG. SEL1
RESET* deassert edge
ADDR[17]
Reserved
Used for testing. This signal will not be set to 0 upon booting.
⎯
⎯
ADDR[16]
Select internal PCI1 clock Frequency (PCIDMD)
Specifies the operating mode of the TX4938 internal PCI controller
for Ethernet Controller.
L = PCI1CLK = GBUSCLK frequency/2
H = PCI1CLK = GBUSCLK frequency/4
CCFG. PCI1DMD
CGRESET* deassert
edge
ADDR[15]
Reserved
Used for testing. This signal will not be set to 0 upon booting.
⎯
⎯
ADDR[14:13]
Select SYSCLK Frequency
Specifies the division ratio of the SYSCLK frequency to the G-Bus
clock (GBUSCLK) frequency.
LL = 4 (SYSCLK frequency = GBUSCLK frequency/4)
LH = 3 (SYSCLK frequency = GBUSCLK frequency/3)
HL = 2 (SYSCLK frequency = GBUSCLK frequency/2)
HH = 1 (SYSCLK frequency = GBUSCLK frequency)
CCFG. SYSSP
CGRESET* deassert
edge
ADDR[12]
TX4938 Endian Mode
Specifies the TX4938 endian mode.
L = Little endian
H = Big endian
CCFG. ENDIAN
RESET* deassert edge
ADDR[11:10]
Select PCI Clock Frequency
Specifies the division ratio of the PCI bus clock (PCICLK[5:0]) to the
TX49/H3 core clock (CPUCLK). Initial value of CCFG[12] is 0.
LL = 8 (PCICLK frequency = CPUCLK frequency/8)
LH = 9 (PCICLK frequency = CPUCLK frequency/9)
HL = 10 (PCICLK frequency = CPUCLK frequency/10)
HH = 11 (PCICLK frequency = CPUCLK frequency/11)
CCFG. PCIDIVMODE CGRESET* deassert
edge
ADDR[9]
PIO[4:2]/ACLC/DMAREQ[2]/DMAACK[2] Select
Specifies whether PIO[4:2]/DMAREQ[2]/DMAACK[2] signals are
used as PIO or AC-link interface signals.
L = PIO
H = AC-link interface
PCFG.SEL2
RESET* deassert edge
ADDR[8:6]
Select Boot Memory and Device Clock Frequency
Specifies the clock division ratio for external bus controller channel 0
upon booting (refer to Section “7.3.8 Clock Options”).
HHH = Device connected to channel 0 of the external bus controller
(Clock division rate = 1/1)
HHL = Device connected to channel 0 of the external bus controller
(Clock division rate = 1/2)
HLH = Device connected to channel 0 of the external bus controller
(Clock division rate = 1/3)
HLL = Device connected to channel 0 of the external bus controller
(Clock division rate = 1/4)
LHH =PCI boot
LHL = NAND Flash memory boot (NAND IPL)
LLH and LLL = Reserved
ADDR[8]:
EBCCR0.ME
ADDR[7:6]
EBCCR0.SP
RESET* deassert edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com