Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 98 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 98 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 94Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 95Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 96Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 97Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 98Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 99Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 100Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 101Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 102Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 716 page
background image
Chapter 5 Configuration Registers
5-10
5.2.4
Timeout Error Access Address Register (TOEA)
0xE018
63
48
Reserved
: Type
: Initial value
47
36
35
32
Reserved
TOEA[35:32]
R
: Type
0
: Initial value
31
16
TOEA[31:16]
R
: Type
0
: Initial value
15
0
TOEA[15:0]
R
: Type
0
: Initial value
Bit
Mnemonic
Field Name
Description
Initial Value Read/Write
63:36
⎯
Reserved
⎯
⎯
⎯
35:0
TOEA
Timeout Error
Access
Address
Holds the G-Bus address for the G-Bus cycle in which the
latest G-Bus timeout error was detected.
0x0_0000_00
00
R
Figure 5.2.4 Timeout Error Access Address Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com