Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 47 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 47 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 43Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 44Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 45Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 46Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 47Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 48Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 49Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 50Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 51Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 716 page
background image
Chapter 1 Overview and Features
1-1
1.
Overview and Features
1.1
Overview
The TMPR4938 (TX4938) is a standard microcontroller that belongs to the 64-bit TX System RISC TX49
family.
The TX4938 uses the TX49/H3 core as its CPU. The TX49/H3 core is a 64-bit RISC core that Toshiba
developed based on the MIPS III architecture of MIPS Technologies, Inc. (MIPS). For details of the
TX49/H3 core such as instruction sets, see “64-bit TX System RISC TX49/H2, TX49/H3, TX49/H4 Core
Architecture”.
In addition to the TX49/H3 core, the TX4938 uses as microcontrollers for embedded applications an
External Bus Controller, DMA Controllers, SDRAM Controller, PCI Controller, Ethernet Controller and
NAND Flash Memory Controller (enables booting from NAND flash memory). The TX4938 also has
peripheral circuits such as a synchronous serial interface, on-chip SRAM, a serial I/O port, a timer/counter, a
parallel I/O port, an AC-link Controller and an Interrupt Controller. By having an on-chip a data bus with a
maximum width of 64 bits and an SDRAM Controller with a memory clock frequency of 133 MHz, the
TX4938 realizes low memory access latency and high memory bandwidth. This allows the TX4938 to show
its capacity as a high-performance CPU core.
1.2
Features
•
TX49/H3 core
Maximum Operating Frequency: 300 MHz (TMPR4938XBG-300), 333 MHz (TMPR4938XBG-333)
On-chip IEEE754-compliant single/double precision floating point unit (FPU) function
•
External Bus Controller (8 channels)
•
Supports the ISA/ATA interface
•
DMA (Direct Memory Access) Controllers (8 channels)
•
SDRAM Controller (4 channels)
64-bit Data Bus
Memory Clock Frequency: 133 MHz (For relationship between CPU clock and memory clock, see
Section 6.1)
Supports ECC/Parity
•
PCI Controller
Complies with PCI Local Bus Specification Revision 2.2
PCI Bus Clock Frequency: 66 MHz/33 MHz
•
Ethernet Controller (2 channels)
•
NAND Flash Memory Controller (bootable)
•
Serial Peripheral Interface (SPI)
•
On-chip SRAM (2 K-byte)
•
Serial I/O Port (2 channels)
•
Timer/Counter (3 channels)
•
Parallel I/O Port (Maximum 16 bits)
•
AC-link Controller
•
Interrupt Controller
•
Selectable Little Endian mode or Big Endian mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com