Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 90 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 90 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 86Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 87Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 88Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 89Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 90Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 91Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 92Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 93Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 94Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 716 page
background image
Chapter 5 Configuration Registers
5-2
5.2
Registers
Table 5.2.1 lists the configuration registers.
Table 5.2.1 Configuration Register Mapping
Offset Address
Size in Bits
Register Symbol
Register Name
0xE000
64
CCFG
Chip Configuration Register
0xE008
64
REVID
Chip Revision ID Register
0xE010
64
PCFG
Pin Configuration Register
0xE018
64
TOEA
Timeout Error Access Address Register
0xE020
64
CLKCTR
Clock Control Register
0xE030
64
GARBC
G-Bus Arbiter Control Register
0xE048
64
RAMP
Register Address Mapping Register
0xE058
64
JMPADR
Jump Address Register
Any address not defined in this table is reserved for future use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com