Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 61 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 61 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 57Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 58Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 59Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 60Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 61Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 62Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 63Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 64Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 65Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 716 page
background image
Chapter 3 Signals
3-7
3.1.9
AC-link Interface Signals
Table 3.1.9 AC-link Interface Signals
Signal Name
Type
Description
Initial State
ACRESET*
Output
AC '97 Master H/W Reset
ACRESET* share pins with other function signals (refer to Section “3.3 Pin multiplex”).
Low
SYNC
Output
48 kHz Fixed Rate Sample Sync
SYNC share pins with other function signals (refer to Section “3.3 Pin multiplex”).
Low
SDOUT
Output
PU
Serial, Time Division Multiplexed, AC '97 Output Stream
SDOUT shares share pins with other function signals (refer to Section “3.3 Pin
multiplex”).
Low
SDIN[1]
Input
Serial, Time Division Multiplexed, AC ‘97 Input Stream
SDIN[1] share pins with other function signals (refer to Section “3.3 Pin multiplex”).
When this pin is used as SDIN[1], pull down by the resister on the board.
(Regarding the value of register, please ask the Engineering Department in Toshiba).
Input
SDIN[0]
Input
PU
Serial, Time Division Multiplexed, AC '97 Input Stream
SDIN[0] share pins with other function signals (refer to Section “3.3 Pin multiplex”).
When this pin is used as SDIN[0], pull down by the resister on the board.
(Regarding the value of register, please ask the Engineering Department in Toshiba).
Input
BITCLK
Input
PU
12.288 MHz Serial Data Clock
BITCLK share pins with other function signals (refer to Section “3.3 Pin multiplex”).
When this pin is used as BITCLK, pull down by the resister on the board.
(Regarding the value of register, please ask the Engineering Department in Toshiba).
Input
3.1.10 Interrupt Signals
Table 3.1.10 Interrupt Signals
Signal Name
Type
Description
Initial State
NMI*
Input
PU
Non-Maskable Interrupt
Non-maskable interrupt signal.
Input
INT[5:0]
Input
PU
External Interrupt Requests
External interrupt request signals.
INT[4:3] share pins with other function signals (refer to Section “3.3 Pin multiplex”).
Input
3.1.11 SPI Interface Signals
Table 3.1.11 SPI Interface Signals
Signal Name
Type
Description
Initial State
SPICLK
Input
PU
SPI Clock
This pin is used for a data clock to or from an SPI slave device. This signal is common
with the other functions (refer to Section “3.3 Pin multiplex”). Use the configuration
setting during boot-up.
Input
SPIOUT
Output
SPI Data Output
This signal contains data to be shifted to an SPI slave device. This signal is common with
the other functions (refer to Section “3.3 Pin multiplex”). Use the configuration setting
during boot-up.
High
SPIIN
Input
PU
SPI Data Inputxternal Interrupt Requests
This signal contains data to be shifted from an SPI slave device. This signal is common
with the other functions (refer to Section “3.3 Pin multiplex”). Use the configuration
setting during boot-up.
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com