Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 50 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 50 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 46Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 47Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 48Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 49Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 50Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 51Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 52Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 53Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 54Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 716 page
background image
Chapter 1 Overview and Features
1-4
(5) Serial I/O port (SIO)
The TX4938 has an on-chip 2-channel asynchronous serial I/O interface (full duplex UART)
•
Full duplex UART
× 2 channels
•
On-chip baud rate generator
•
FIFO
Transmission: on-chip 8-bit
× 8-stage FIFO
Reception: on-chip 13-bit
× 16-stage (data: 8 bits; status: 5 bits) FIFO
•
Supports DMA transfer
(6) Timer/Counter control (TMR)
The TX4938 has an on-chip 3-channel timer/counter
•
32-bit setup counter
× 3 channels
•
Supports 3 modes: Interval Timer mode, Pulse Generator mode, Watchdog Timer mode
•
Timer output pins: 2 pins
•
Count clock input pin: 1 pin
•
Watchdog external reset pin: 1 pin
(7) Parallel I/O port (PIO)
The TX4938 has a 16-bit parallel I/O port (8 bits of which are shared with CB[7:0])
•
Can set I/O direction and port type (totem pole output/open drain output) during output for
each bit
(8) AC-link Controller (ACLC)
The TX4938 on-chip AC-link Controller can connect and manipulate audio and/or modem
CODECs described in “Audio CODEC ’97 Revision 2.1”.
•
Supports up to 2 CODECs
•
Supports 16-bit PCM stereo channel recording and playback
•
Supports 16-bit surround, center, LFE channel playback
•
Supports variable rate audio recording and playback
•
Supports Line 1 for modem CODEC and GPIO slot
•
Supports AC-link low-power mode, Wake Up, and Warm Reset
Supports sample data input/output by DMA transfer
(9) Interrupt Controller (IRC)
The Interrupt Controller built into the TX4938 receives interrupt requests and external interrupts
from the TX4938 on-chip peripheral circuits and issues interrupt requests to the TX49/H3 core.
This controller has a 16-bit flag register that generates interrupt requests to an external device or
the TX49/H3 core.
•
Supports 19 types of internal interrupts from the on-chip peripheral circuits and 6 external
interrupt signal inputs
•
Sets 8 priority levels for each interrupt input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com