Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 31 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 31 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 27Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 28Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 29Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 30Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 31Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 32Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 33Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 34Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 35Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 716 page
background image
3 General Safety Precautions and Usage Considerations
3-9
3.3.10
Decoupling
Spike currents generated during switching can cause Vcc (Vdd) and GND (Vss) voltage levels to fluctuate,
causing ringing in the output waveform or a delay in response speed. (The power supply and GND wiring
impedance is normally 50
Ω to 100 Ω.) For this reason, the impedance of power supply lines with respect to
high frequencies must be kept low. This can be accomplished by using thick and short wiring for the Vcc (Vdd)
and GND (Vss) lines and by installing decoupling capacitors (of approximately 0.01
µF to 1 µF capacitance) as
high-frequency filters between Vcc (Vdd) and GND (Vss) at strategic locations on the printed circuit board.
For low-frequency filtering, it is a good idea to install a 10- to 100-
µF capacitor on the printed circuit board (one
capacitor will suffice). If the capacitance is excessively large, however, (e.g. several thousand µF) latch-up can
be a problem. Be sure to choose an appropriate capacitance value.
An important point about wiring is that, in the case of high-speed logic ICs, noise is caused mainly by reflection
and crosstalk, or by the power supply impedance. Reflections cause increased signal delay, ringing, overshoot
and undershoot, thereby reducing the device’s safety margins with respect to noise. To prevent reflections,
reduce the wiring length by increasing the device mounting density so as to lower the inductance (L) and
capacitance (C) in the wiring. Extreme care must be taken, however, when taking this corrective measure, since
it tends to cause crosstalk between the wires. In practice, there must be a trade-off between these two factors.
3.3.11
External noise
Printed circuit boards with long I/O or signal pattern lines are
vulnerable to induced noise or surges from outside sources.
Consequently, malfunctions or breakdowns can result from overcurrent
or overvoltage, depending on the types of device used. To protect
against noise, lower the impedance of the pattern line or insert a noise-
canceling circuit. Protective measures must also be taken against
surges.
For details of the appropriate protective measures for a particular
device, consult the relevant databook.
3.3.12
Electromagnetic interference
Widespread use of electrical and electronic equipment in recent years has brought with it radio and TV reception
problems due to electromagnetic interference. To use the radio spectrum effectively and to maintain radio
communications quality, each country has formulated regulations limiting the amount of electromagnetic
interference which can be generated by individual products.
Electromagnetic interference includes conduction noise propagated through power supply and telephone lines,
and noise from direct electromagnetic waves radiated by equipment. Different measurement methods and
corrective measures are used to assess and counteract each specific type of noise.
Difficulties in controlling electromagnetic interference derive from the fact that there is no method available
which allows designers to calculate, at the design stage, the strength of the electromagnetic waves which will
emanate from each component in a piece of equipment. For this reason, it is only after the prototype equipment
has been completed that the designer can take measurements using a dedicated instrument to determine the
strength of electromagnetic interference waves. Yet it is possible during system design to incorporate some
measures for the prevention of electromagnetic interference, which can facilitate taking corrective measures
once the design has been completed. These include installing shields and noise filters, and increasing the
thickness of the power supply wiring patterns on the printed circuit board. One effective method, for example, is
to devise several shielding options during design, and then select the most suitable shielding method based on
the results of measurements taken after the prototype has been completed.
Input/Output
Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com