Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 36 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 36 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 32Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 33Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 34Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 35Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 36Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 37Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 38Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 39Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 40Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 716 page
background image
3 General Safety Precautions and Usage Considerations
3-14
(3) Do not rub device markings with a brush or with your hand during cleaning or while the devices are still
wet from the cleaning agent. Doing so can rub off the markings.
(4) The dip cleaning, shower cleaning and steam cleaning processes all involve the chemical action of a
solvent. Use only recommended solvents for these cleaning methods. When immersing devices in a solvent
or steam bath, make sure that the temperature of the liquid is 50°C or below, and that the circuit board is
removed from the bath within one minute.
(5) Ultrasonic cleaning should not be used with hermetically-sealed ceramic packages such as a leadless chip
carrier (LCC), pin grid array (PGA) or charge-coupled device (CCD), because the bonding wires can
become disconnected due to resonance during the cleaning process. Even if a device package allows
ultrasonic cleaning, limit the duration of ultrasonic cleaning to as short a time as possible, since long hours
of ultrasonic cleaning degrade the adhesion between the mold resin and the frame material. The following
ultrasonic cleaning conditions are recommended:
Frequency: 27 kHz
∼ 29 kHz
Ultrasonic output power: 300 W or less (0.25 W/cm2 or less)
Cleaning time: 30 seconds or less
Suspend the circuit board in the solvent bath during ultrasonic cleaning in such a way that the ultrasonic
vibrator does not come into direct contact with the circuit board or the device.
3.5.5
No cleaning
If analog devices or high-speed devices are used without being cleaned, flux residues may cause minute amounts
of leakage between pins. Similarly, dew condensation, which occurs in environments containing residual
chlorine when power to the device is on, may cause between-lead leakage or migration. Therefore, Toshiba
recommends that these devices be cleaned.
However, if the flux used contains only a small amount of halogen (0.05W% or less), the devices may be used
without cleaning without any problems. No cleaning is recommended for TX4938.
3.5.6
Mounting tape carrier packages (TCPs)
(1) When tape carrier packages (TCPs) are mounted, measures must be taken to prevent electrostatic
breakdown of the devices.
(2) If devices are being picked up from tape, or outer lead bonding (OLB) mounting is being carried out,
consult the manufacturer of the insertion machine which is being used, in order to establish the optimum
mounting conditions in advance and to avoid any possible hazards.
(3) The base film, which is made of polyimide, is hard and thin. Be careful not to cut or scratch your hands or
any objects while handling the tape.
(4) When punching tape, try not to scatter broken pieces of tape too much.
(5) Treat the extra film, reels and spacers left after punching as industrial waste, taking care not to destroy or
pollute the environment.
(6) Chips housed in tape carrier packages (TCPs) are bare chips and therefore have their reverse side exposed.
To ensure that the chip will not be cracked during mounting, ensure that no mechanical shock is applied to
the reverse side of the chip. Electrical contact may also cause a chip to fail. Therefore, when mounting
devices, make sure that nothing comes into electrical contact with the reverse side of the chip.
If your design requires connecting the reverse side of the chip to the circuit board, please consult Toshiba or
a Toshiba distributor beforehand.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com