Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 72 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 72 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 68Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 69Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 70Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 71Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 72Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 73Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 74Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 75Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 76Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 716 page
background image
Chapter 3 Signals
3-18
Table 3.3.1 Pin multiplex (2/2)
Function on pin-multiplex
Signal,
PCFG
ECC
PIO[15:8]
ACLC
ETHER0 ETHER1
ATA
ISA
SPI
NDFMC
PIO[1]
E1MDIO
PIO[0]
SPICLK
INT[5]
INT[4]
E0RXER
INT[3]
E1RXDV
INT[2]
INT[1]
INT[0]
CTS[1]*
E0RXCLK
RTS[1]*
E0MDC
RXD[1]
E0RXDV
TXD[1]
E0TXER
CTS[0]*
RTS[0]*
RXD[0]
TXD[0]
SDIN[1]
SDIN[1]
E0COL
DCLK
E1TXD[3]
PCST[8]
E1TXD[2]
PCST[7]
E1TXD[1]
PCST[6]
E1TXD[0]
PCST[5]
E1RXD[3]
PCST[4]
E1RXD[2]
PCST[3]
E1RXD[1]
PCST[2]
E1RXD[0]
PCST[1]
E1RXCLK
PCST[0]
E1TXCLK
TPC[3]
E1RXER
TPC[2]
E1MDC
Function of
Each signal
(Note3)
(Note4)
TPC[1]
E1TXEN
Note 1: * shows that there is no relationship to the configuration of the corresponding function.
Note 2: One of ECC, PIO[15:8] and ETHERC0 can be selected (can't use simultaneously).
One of ACLC and ETHERC0 can be selected (can't use simultaneously).
One of ATA and NDFMC can be selected (can't use simultaneously).
One of ISA and NDFMC can be selected (can't use simultaneously).
(Operation is not guaranteed when these functions that cannot be used simultaneously are set up)
Note 3: It shows that these terminals are multiplexed under each function.
Note 4: Blank shows that the terminal isn't multiplexed with the function.
For example, when only two pieces, ATA and SPI are selected, functions other than DMAREQ[3],
DMAREQ[1], DMAACK[3], DMAACK[1], PIO[0] can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com