Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 77 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 77 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 73Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 74Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 75Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 76Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 77Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 78Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 79Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 80Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 81Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 716 page
background image
Chapter 4 Address Mapping
4-5
Table 4.2.3 Internal Registers (2/12)
Offset Address
Register Size (bit) Register Symbol
Register Name
PCI Controller for ETHERC (PCIC1)
0x7000
32
PCIID
ID Register (Device ID, Vender ID)
0x7004
32
PCISTATUS
PCI Status Command Register (Status, Command)
0x7008
32
PCICCREV
Class Code Revision ID Register (Class Code, Revision ID)
0x700C
32
PCICFG1
PCI Configuration 1 Register (BIST, Header Type, Latency
Timer, Cache Line Size)
0x7010
32
P2GM0PLBASE
P2G Memory Space 0 PCI Lower Base Address Register (Base
Address 0 Lower)
0x7014
32
P2GM0PUBASE
P2G Memory Space 0 PCI Upper Base Address Register (Base
Address 0 Upper)
0x7018
32
P2GM1PLBASE
P2G Memory Space 1 PCI Lower Base Address Register (Base
Address 1 Lower)
0x701C
32
P2GM1PUBASE
P2G Memory Space 1 PCI Upper Base Address Register (Base
Address 1 Upper)
0x7020
32
P2GM2PBASE
P2G Memory Space 2 PCI Base Address Register (Base
Address 2)
0x7024
32
P2GIOPBASE
P2G I/O Space PCI Base Address Register (Base Address 3)
0x702C
32
PCISID
Subsystem ID Register (Subsystem ID, Subsystem Vender ID)
0x7034
32
PCICAPPTR
Capability Pointer Register (Capability Register)
0x703C
32
PCICFG2
PCI Configuration 2 Register (Max_Lat, Min_Gnt, Interrupt Pin,
Interrupt Line)
0x7040
32
G2PTOCNT
G2P Timeout Count Register (Retry Timeout Value, TRDY
Timeout Value)
0x7080
32
G2PSTATUS
G2P Status Register
0x7084
32
G2PMASK
G2P Interrupt Mask Register
0x7088
32
PCISSTATUS
Satellite Mode PCI Status Register (Status, PMCSR)
0x708C
32
PCIMASK
PCI Status Interrupt Mask Register
0x7090
32
P2GCFG
P2G Configuration Register
0x7094
32
P2GSTATUS
P2G Status Register
0x7098
32
P2GMASK
P2G Interrupt Mask Register
0x709C
32
P2GCCMD
P2G Current Command Register
0x7100
32
PBAREQPORT
PCI Bus Arbiter Request port Register
0x7104
32
PBACFG
PCI Bus Arbiter Configuration Register
0x7108
32
PBASTATUS
PCI Bus Arbiter Status Register
0x710C
32
PBAMASK
PCI Bus Arbiter Interrupt Mask Register
0x7110
32
PBABM
PCI Bus Arbiter Broken Master Register
0x7114
32
PBACREQ
PCI Bus Arbiter Current Request Register
0x7118
32
PBACGNT
PCI Bus Arbiter Current Grant Register
0x711C
32
PBACSTATE
PCI Bus Arbiter Current State Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com