Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 64 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 64 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 60Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 61Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 62Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 63Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 64Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 65Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 66Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 67Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 68Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 716 page
background image
Chapter 3 Signals
3-10
3.1.15 NAND Flash Memory Interface Signals
Table 3.1.15 NAND Flash Memory Interface Signals
Signal Name
Type
Description
Initial State
ND_ALE
Output
PU
NAND Flash Address Latch Enable
ALE signal for NAND flash memory. These signals are common with the other functions
(refer to Section “3.3 Pin Multiplex”). Use the configuration setting during boot-up.
Input
ND_CLE
Output
NAND Flash Command Latch Enable
CLE signal for NAND flash memory. These signals are common with the other functions
(refer to Section “3.3 Pin Multiplex”). Use the configuration setting during boot-up.
High
ND_CE*
Output
NAND Flash Chip Enable
CE signal for NAND flash memory. Refer to Section “3.3 Pin multiplex”
High
ND_RE*
Output
PU
NAND Flash Read Enable
RE signal for NAND flash memory. These signals are common with the other functions
(refer to Section “3.3 Pin multiplex”). Use the configuration setting during boot-up.
Input
ND_WE*
Output
NADND Flash Write Enable
WE signal for NAND flash memory. These signals are common with the other functions
(refer to Section “3.3 Pin multiplex”). Use the configuration setting during boot-up.
High
ND_RB*
Input
PU
NAND Flash Ready/Busy
Ready/Busy signal for NAND flash memory. These signals are common with the other
functions (refer to Section “3.3 Pin multiplex”). Use the configuration setting during boot-
up.
Input
3.1.16 Extended EJTAG Interface Signals
Table 3.1.16 Extended EJTAG Interface Signals (1/2)
Signal Name
Type
Description
Initial State
TCK
Input
PU
JTAG Test Clock Input
Clock input signal for JTAG.
TCK is used to execute JTAG instructions and input/output data.
Input
TDI/DINT*
Input
PU
JTAG Test Data Input/Debug Interrupt
When PC trace mode is not selected, this signal is a JTAG data input signal. It is used to
input serial data to JTAG data/instruction registers.
When PC trace mode is selected, this signal is an interrupt input signal used to cancel
PC trace mode for the debug unit.
Input
TDO/TPC[0]
Output
JTAG Test Data Output/PC Trace Output
When PC trace mode is not selected, this signal is a JTAG data output signal. Data is
output by means of serial scan.
When PC trace mode is selected, this signal outputs the value of the non-continuous
program counter in sync with the debug clock (DCLK).
High
TPC[3:1]
Output
PC Trace Output
TPC[3:1] output the value of the noncontiguous program counter in sync with DCLK.
These signals are common with the other functions (refer to Section “3.3 Pin multiplex”).
Use the configuration setting during boot-up.
All High
TMS
Input
PU
JTAG Test Mode Select Input
TMS mainly controls state transition in the TAP controller state machine.
Input
TRST*
Input
Test Reset Input
Asynchronous reset input for the TAP controller and debug support unit (DSU).
TRST* pin must be pulled down (ex. 10 k
Ω).
When this signal is deasserted, G-Bus timeout detection is disabled (refer to Section
“5.1.1 Detecting G-Bus Timeout”).
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com