Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 84 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 84 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 80Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 81Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 82Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 83Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 84Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 85Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 86Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 87Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 88Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 716 page
background image
Chapter 4 Address Mapping
4-12
Table 4.2.3 Internal Registers (9/12)
Offset Address
Register Size (bit) Register Symbol
Register Name
Configuration
0xE000
64
CCFG
Chip Configuration Register
0xE008
64
REVID
Chip Revision ID Register
0xE010
64
PCFG
Pin Configuration Register
0xE018
64
TOEA
Timeout Error Access Address Register
0xE020
64
CLKCTR
Clock Control Register
0xE030
64
GARBC
G-Bus Arbiter Control Register
0xE048
64
RAMP
Register Address Mapping Register
0xE050
64
-
Reserved
Timer (Channel 0)
0xF000
32
TMTCR0
Timer Control Register 0
0xF004
32
TMTISR0
Timer Interrupt Status Register 0
0xF008
32
TMCPRA0
Compare Address Register A 0
0xF00C
32
TMCPRB0
Compare Address Register B 0
0xF010
32
TMITMR0
Interval Timer Mode Register 0
0xF020
32
TMCCDR0
Divider Register 0
0xF030
32
TMPGMR0
Plus Generator Mode Register 0
0xF0F0
32
TMTRR0
Timer Read Register 0
Timer (Channel 1)
0xF100
32
TMTCR1
Timer Control Register 1
0xF104
32
TMTISR1
Timer Interrupt Status Register 1
0xF108
32
TMCPRA1
Compare Address Register A 1
0xF10C
32
TMCPRB1
Compare Address Register B 1
0xF110
32
TMITMR1
Interval Timer Mode Register 1
0xF120
32
TMCCDR1
Divider Register 1
0xF130
32
TMPGMR1
Plus Generator Mode Register 1
0xF1F0
32
TMTRR1
Timer Read Register 1
Timer (Channel 2)
0xF200
32
TMTCR2
Timer Control Register 2
0xF204
32
TMTISR2
Timer Interrupt Status Register 2
0xF208
32
TMCPRA2
Compare Register A 2
0xF210
32
TMITMR2
Interval Timer Mode Register 2
0xF220
32
TMCCDR2
Divider Register 2
0xF240
32
TMWTMR2
Watch Dog Timer Register 2
0xF2F0
32
TMTRR2
Timer Read Register 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com