Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 51 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 51 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 47Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 48Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 49Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 50Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 51Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 52Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 53Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 54Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 55Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 716 page
background image
Chapter 1 Overview and Features
1-5
•
Can select either the Edge or Level interrupt detection mode for each external interrupt
•
Has a built-in 16-bit read/write register as a flag register for interrupt requests. Can request
interrupts to an external device or to the TX49/H3 core (IRC interrupt)
(10) Ethernet Controller
•
2-channel on-chip Ethernet interface
•
Supports transfer rates of 100 Mbps or 10 Mbps
•
Supports MAC layers, employs the standard interface MII between physical layers and MAC
layers
•
On-chip DMA
(11) NAND Flash Memory Controller
•
Controls the NAND Flash Memory Interface by the register settings
•
On-chip ECC (Error Correction Code) calculation circuit
•
On-chip mask ROM, is bootable from NAND Flash Memory
(12) Serial Peripheral Interface (SPI)
•
Full duplex, synchronous serial data transfer (I/O data, clock signals)
•
Can specify 8-bit or 16-bit data length
•
Programmable SPI baud rate
•
Supports only Masters
(13) On-chip SRAM
•
On-chip 2 KB SRAM
(14) Extended EJTAGInterface
The TX4938's Extended EJTAG (Extended Enhanced Joint Test Action Group) interface
provides two functions: IEEE1149.1-compliant JTAG boundary scan testing and real-time
debugging using the Debugging Support Unit (DSU) built into the TX49/H3 core.
•
IEEE 1149.1 JTAG Boundary Scan
•
Can use execution control (invoke, break, step, register/memory access) or PC tracing as real-
time debugging function that uses a dedicated emulation probe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com