Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 54 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 54 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 50Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 51Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 52Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 53Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 54Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 55Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 56Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 57Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 58Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 716 page
background image
Chapter 2 Configuration
2-2
The TX4938 has the following blocks.
(1) TX49/H3 Core: Consists of a CPU, System Control Coprocessor (CP0), Instruction cache, Data cache,
Floating-point Unit (FPU), write buffer (WBU), Debugging Support Unit (DSU), and a G-Bus I/F.
•
FPU:
An IEEE754-compliant single-precision or double-precision floating-point unit. Is
allocated as one coprocessor unit (CP1).
•
I-Cache: Instruction cache memory. 32 KB, 4-way set associative.
•
D-Cache: Data cache memory. 32 KB, 4-way set associative. You can select as a write policy
Write Back, Write Through No Write Allocate, or Write Through Write Allocate.
•
DSU:
Debugging Support Unit. This is an on-chip debugging module.
(2) EBUSC:
External Bus Controller. Controls 8-channel ROM, SRAM, I/O.
(3) DMAC0:
Direct Memory Access Controller. Has 4 channels. Can transfer internal I/O device,
external I/O device, mutual memory data.
(4) DMAC1:
Direct Memory Access Controller. Has 4 channels. Can transfer internal I/O device,
mutual memory data.
(5) SDRAMC:
SDRAM Controller. Controls 4-channel SDRAM. Supports 64-bit data bus, 133 MHz
operation, ECC/parity.
(6) PCIC:
PCI Controller. Complies with PCI Local Bus Specification Revision 2.2. Supports 66
MHz operation. Has an on-chip dedicated DMA Controller (PDMAC).
(7) SIO:
Serial I/O. This is a 2-channel asynchronous serial I/F.
(8) TMR:
Timer/counter. This is a 3-channel timer/counter.
(9) PIO:
Parallel I/O. Has an 8-bit dedicated port and an 8-bit shared port.
(10) ACLC:
AC-link Controller. Is compliant to Audio CODEC '97 Revision 2.1 (AC'97).
(11) IRC:
Interrupt Controller.
(12) EBIF:
External Bus Interface. Connects 20-bit External Address Bus or 64-bit External Data Bus
to SDRAMC or EBUSC.
(13) CG:
Clock Generator. Has a built-in PLL and provides a clock to each TX4938 block.
(14) G-Bus:
TX4938 internal bus. This is a 64-bit, high-speed internal bus that is directly connected to
the TX49/H3 core.
(15) IM-Bus:
TX4938 internal bus. This is a 32-bit, slow-speed internal bus that is connected to the G-
Bus via IMB.
(16) MB:
G-Bus - IM-Bus Bridge
(17) NDFMC:
NAND Flash Memory Controller
(18) Mask ROM: Mask ROM that boots from NAND Flash memory
(19) SRAM:
2 KB on-chip SRAM
(20) ETHERC0: Channel 0 of the Ethernet Controller. The system side is the PCI Bus Interface.
(21) ETHERC1: Channel 1 of the Ethernet Controller. The system side is the PCI Bus Interface.
(22) PCIC1:
PCI Bus/G-Bus bridge for connecting ETHERC0 and ETHERC1 to the G-Bus.
(23) SPI:
Serial Peripheral Interface. Supports Master operation.
(24) TEST
This is the internal diagnostic module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com