Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 422 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 422 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 418Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 419Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 420Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 421Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 422Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 423Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 424Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 425Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 426Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 422 / 716 page
background image
Chapter 13 Parallel I/O Port
13-2
13.3 Detailed Description
13.3.1 Selecting PIO Pins
Of the 16-bit PIO signals, signals PIO[15:8] can be used in combination with 8-bit ECC check bit
signals. The configuration signal (ADDR[18]) at boot up determines which function will be used. See
“3.2 Boot Configuration” for more information.
13.3.2 General-purpose Parallel Port
The four following registers are used to control the PIO port.
•
PIO Output Data Register (PIODO)
•
PIO Input Data Register (PIODI)
•
PIO Direction Control Register (PIODIR)
•
PIO Open Drain Control Register (PIOOD)
PIO signals can be selected by the PIO Direction Control Register (PIODIR) for each bit as either
input or output.
Signals selected as output signals output the values written into the PIO Data Output Register
(PIODO). The PIO Open Drain Control Register (PIOOD) can select whether each bit is either an open
drain output or a totem pole output.
PIO signal status is indicated by the PIO Data Input Register. This register can be read out at any time
regardless of the pin direction settings.
13.4 Registers
Table 13.4.1 PIO Register Map
Offset Address
Mnemonic
Register Name
0xF500
PIODO
Output Data Register
0xF504
PIODI
Input Data Register
0xF508
PIODIR
Direction Control Register
0xF50C
PIOOD
Open Drain Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com