Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 468 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 468 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 464Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 465Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 466Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 467Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 468Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 469Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 470Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 471Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 472Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 468 / 716 page
background image
Chapter 15 Interrupt Controller
15-4
15.3 Detailed Explanation
15.3.1 Interrupt sources
The TX4938 has as interrupt sources interrupts from 18 types of on-chip peripheral circuits and 6
external interrupt signals.
Table 15.3.1 lists the interrupt sources. Signals with the lower interrupt number have the higher
priority. The priorities are explained below in section 15.3.4.
The interrupt number 5 is shared between INT[3] and ETHERC1. When ETHERC1 is used, an
interrupt is noticed from ETHERC1 to the IRC interrupt number 5 internal of a chip. The external pin
INT[3] is used when ETHERC1 is used for the purpose other than an interrupt. This is the same as for
the interrupt number 6. Refer to “3.3 Pin multiplex” for muliplexed pins.
Table 15.3.1 Interrupt Sources and Priorities
Priority
Interrupt
Number
Interrupt Source
High
0
SDRAM ECC Error (Internal)
1
TX49 Write Timeout Error (Internal)
2
INT[0] (External)
3
INT[1] (External)
4
INT[2] (External)
5
INT[3] (External) / ETHERC1 (Internal)
6
INT[4] (External) / ETHERC0 (Internal)
7
INT[5] (External)
8
SIO0 (Internal)
9
SIO1 (Internal)
10
DMA0[0] (Internal)
11
DMA0[1] (Internal)
12
DMA0[2] (Internal)
13
DMA0[3] (Internal)
14
IRC (Internal)
15
PDMAC0 (Internal)
16
PCIC0 (Internal)
17
TMR0 (Internal)
18
TMR1 (Internal)
19
TMR2 (Internal)
20
(Reserved)
21
NDFMC (Internal)
22
PCIERR (Internal)
23
PCIPMC (Internal)
24
ACLC (Internal)
25
ACLCPME (Internal)
26
PCIC1INT (Internal)
27
DMAC1[0] (Internal)
28
DMAC1[1] (Internal)
29
DMAC1[2] (Internal)
30
DMAC1[3] (Internal)
Low
31
SPI (Internal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com