Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 503 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 503 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 499Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 500Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 501Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 502Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 503Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 504Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 505Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 506Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 507Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 503 / 716 page
background image
Chapter 15 Interrupt Controller
15-39
15.4.16 Interrupt Request Flag Register 0 (IRFLAG0)
0xF510
31
16
Reserved
: Type
: Default
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PF0
PF0
PF0
PF0
PF0
PF0
PF0
PF0
PF0
PF0
PF0
PF0
PF0
PF0
PF0
PF0
[15]
[14]
[13]
[12]
[11]
[10]
[9]
[8]
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
R/W
: Type
0x0000
: Default
Bit
Mnemonic
Field Name
Explanation
Read/Write
31:16
⎯
⎯
Reserved
⎯
15:0
PF0 [15:0]
Flag 0
Interrupt Request Flag 0 [15:0] (Default: 0x0000)
Changes made to this register are reflected in Flag Register 1 also since
they are the same registers.
The bits in this field accept writes of both 1s and 0s.
R/W
Figure 15.4.16 Interrupt Request Flag Register 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com