Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 114 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 114 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 110Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 111Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 112Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 113Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 114Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 115Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 116Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 117Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 118Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 716 page
background image
Chapter 7 External Bus Controller
7-4
7.3.2
Global/Boot-up Options
In addition to the settings made separately for each channel, the Channel Control Registers can also
use global options that make settings common to all channels.
External Bus Controller Channel 0 can be used as a Boot memory channel. Channel 0 is set by the
external pins (Boot pins) during reset.
These settings are summarized below in Table 7.3.1. (Please refer to “3.2 Boot Configuration” and
“5.2.1 Chip Configuration Register” for more information.)
Table 7.3.1 Global/Boot-up Options
Pin Name
Set Register
Explanation
⎯
CCFG.ARMODE
Selects the operation mode of the ACK*/READY signal.
0 = ACK*/READY Dynamic mode (Default)
1 = ACK*/READY Static mode
⎯
CCFG.ACEHOLD
Sets the address hold time relative to the ACE* signal.
0: Address changes simultaneous to deassertion of the ACE* signal.
1: Address changes 1 clock cycle after deassertion of the ACE* signal.
(Default)
ADDR[14:13]
CCFG.SYSSP
Specifies the division ratio of the SYSCLK output relative to the internal
bus clock (GBUSCLK).
00: 1/4 speed (1/4 the GBUSCLK frequency)
01: 1/3 speed (1/3 the GBUSCLK frequency)
10: 1/2 speed (1/2 the GBUSCLK frequency)
11: Full speed (same frequency as the GBUSCLK frequency)
ADDR[8]
EBCCR0.ME
Specifies whether to enable or disable Channel 0.
0: Disable this channel as a Boot channel.
1: Enable this channel as a Boot channel.
ADDR[7:6]
EBCCR0.SP
Specifies the operation speed of Channel 0.
00: 1/4 Speed mode
01: 1/3 Speed mode
10: 1/2 Speed mode
11: Full Speed mode
DATA[5]
EBCCR0.BC
When accessing Channel 0, specifies whether to use the BWE[3:0] signal
as a Byte Enable signal (BE[3:0]) or to use it as a Byte Write Enable
signal (BWE[3:0]).
0: Byte Enable mode
1: Byte Write Enable mode
DATA[4]
EBCCR0.WT[0]
Specifies the Channel 0 access mode.
0: Normal mode (DATA[4] = H)
1: External ACK mode (DATA[4] = L)
DATA[1:0]
EBCCR0.BSZ
Specifies the memory bus width of Channel 0.
00: Reserved
01: 32-bit width
10: 16-bit width
11: 8-bit width



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com