Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 121 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 121 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 117Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 118Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 119Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 120Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 121Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 122Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 123Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 124Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 125Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 716 page
background image
Chapter 7 External Bus Controller
7-11
7.3.6.3
Ready Mode
When in this mode, the ACK*/Ready pin becomes Ready input, and the cycle is ended by
Ready input from an external device. Ready input is internally synchronized. See Section “7.3.7.5
Ready Input Timing” for more information regarding the operation timing.
When the Wait cycle count specified by EBCCREBCCRn.PWT:WT elapses, a check is
performed to see whether the Ready signal was asserted. Since EBCCRn.WT[0] is used to indicate
the ACK*/ Ready Static/Dynamic mode, it is not used for setting the Wait cycle count. Therefore,
the Wait cycle count that can be set by the Ready mode is 0, 2, 4, 6, …, 62.
When the number of wait cycles is 0, READY check is started in 1 cycle after asserting the CE*
signal. When the number of wait cycles is other than zero, after waiting only for the specified
number of cycles, READY check is started.
The Ready mode does not support Burst access by the internal bus.
Figure 7.3.3 Ready Mode
EBCCRn.PWT:WT=2
SYSCLK
CE*
ADDR [19:0]
OE*
DATA [31:0]
ACK*/READY
(Input)
Start Ready Check
EBCCRn.SHWT=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com