Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 126 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 126 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 122Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 123Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 124Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 125Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 126Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 127Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 128Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 129Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 130Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 716 page
background image
Chapter 7 External Bus Controller
7-16
7.3.7.4
ACK* Input Timing (External ACK Mode)
The ACK* signal becomes an input signal when in the external ACK mode.
During a Read cycle, data is latched two clock cycles after assertion of the ACK* signal is
acknowledged (Figure 7.3.9 ACK* Input Timing (Single Read Cycle)). During a Write cycle,
assertion of the ACK* signal is acknowledged, SWE*/BWE* is deasserted three clock cycles
later, then data is held for one clock cycle after that (Figure 7.3.10 ACK* Input Timing (Single
Write Cycle).
The ACK* input signal is internally synchronized. Due to internal State Machine restrictions,
ACK* cannot be acknowledged consecutively on consecutive clock cycles. External devices can
assert ACK* across multiple clock cycles under the following conditions.
•
During Single access, the ACK* signal can be asserted before the end of the cycle during
which CE* is dasserted.
•
During Burst access, it is possible to assert the ACK* signal for up to three clock cycles
during Reads and for up to five clock cycles during Writes. If the ACK* signal is asserted for
a period longer than this, it will be acknowledged as the next valid ACK* signal.
Figure 7.3.9 ACK* Input Timing (Single Read Cycle)
Figure 7.3.10 ACK* Input Timing (Single Write Cycle)
SYSCLK
CE*
ADDR [19:0]
OE*
DATA [31:0]
ACK*/READY (Input)
Latch Data
Acknowledge ACK*
2 clocks
EBCCRn.SHWT=0
SYSCLK
CE*
ADDR [19:0]
SWE*/BWE*
DATA [31:0]
ACK*/READY (Input)
3 clocks
4 clocks
Acknowledge ACK*
EBCCRn.SHWT=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com