Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 172 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 172 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 168Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 169Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 170Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 171Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 172Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 173Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 174Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 175Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 176Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 716 page
background image
Chapter 7 External Bus Controller
7-62
7.6
Flash ROM, SRAM Usage Example
Figure 7.6.1 illustrates example Flash ROM connections, and Figure 7.6.2 illustrates example SRAM
connections. Also, Figure 7.6.3 illustrates example connections with the SDRAM and the bus separated.
Since connecting multiple memory devices such as SDRAM and ROM onto a single bus increases the
load, 100 MHz class high-speed SDRAM access may not be performed normally. As a corrective measure,
there is a way of reducing the bus load by connecting a device other than SDRAM via a buffer. If such a
method is employed, directional control becomes necessary since the data becomes bidirectional.
The TX4938 prepares the BUSSPRT* signal for performing data directional control (see Figure 7.6.3).
BUSSPRT* is asserted when the External Bus Controller channel is active and a Read operation is being
performed.
Figure 7.6.1 Flash ROM (x16 Bits) Connection Example (32-bit Data Bus)
Figure 7.6.2 SRAM (x16 Bits) Connection Example (32-bit Data Bus)
ADDR[19:0]
ACE*
CE*[0]
SWE*
OE*
DATA[31:0]
TX4938
ADDR[19:0]
A[19:0]
A20
CE*
WE*
OE*
D[15:0]
ADDR[12]
(ADDR[20])
A[19:0]
A20
CE*
WE*
OE*
D[15:0]
Flash ROM (x16 bits)
D[31:16]
D[15:0]
D[31:16]
BWE*[3:0]
ADDR[19:0]
CE*[1]
SWE*
OE*
DATA[31:0]
TX4938
ADDR[19:0]
UB
LB
A[19:0]
CS*
WE*
OE*
D[15:0]
SRAM (x16 Bits)
D[15:0]
UB
LB
A[19:0]
CS*
WE*
OE*
D[15:0]
BWE*[3]
BWE*[2]
BWE*[1]
BWE*[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com