| Electronic Components Datasheet Search |
|
TMPR4938 Datasheet(PDF) 179 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4938 Datasheet(HTML) 179 Page - Toshiba Semiconductor |
|
179 / 716 page ![]() Chapter 8 DMA Controller 8-5 8.3.2 On-chip Registers The DMA Controller has two shared registers that are shared by four channels. Section 8.4 explains each register in detail. • Shared Registers DMMCR: DMA Master Control Register DMMFDR: DMA Memory Fill Data Register • DMA Channel Register DMCHARn: DMA Chained Address Register DMSARn: DMA Source Address Register DMDARn: DMA Destination Address Register DMCNTRn: DMA Count Register DMSAIRn: DMA Source Address Increment Register DMDAIRn: DMA Destination Address Increment Register DMCCRn: DMA Channel Control Register DMCSRn: DMA Channel Status Register 8.3.3 External I/O DMA Transfer Mode The External I/O DMA Transfer Mode performs DMA transfer with external I/O devices that are connected to the External Bus Controller. 8.3.3.1 External Interface External I/O devices signal DMA requests to the DMA Controller by asserting the DMA Transfer Request Signal (DMAREQ[n]). On the other hand, the DMA Controller accesses external I/O devices by asserting the DMA Transfer Acknowledge Signal (DMAACK[n]). The DMA Transfer Request signal (DMAREQ[n]) can use the Request Polarity bit (REQPOL) of the DMA Channel Control Register (DMCCRn) to select the signal polarity for each channel, and can use the Edge Request bit (EGREQ) to select either edge detection or level detection for each channel. The DMA Transfer Acknowledge signal (DMAACK[n]) can also use the Acknowledge Polarity bit (ACKPOL) to select the polarity. Please assert/deassert the DMAREQ[n] signal as follows below. • When level detection is set (DMCCRn.EGREQ = 0) The DMAREQ[n] signal must be continuously asserted until one SYSCLK cycle after the DMAACK[n] signal is asserted. Also, the DMAREQ[n] signal must be deasserted before the CE*/CS* signal is deasserted. If this signal is asserted too soon, DMA transfer will not be performed. If this signal is asserted or deasserted too late, unexpected DMA transfer may result. During Dual Address transfer, we recommend detecting assertion of the CE* signal for the external I/O device that is currently asserting DMAACK[n], then deasserting DMAREQ[n]. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |