Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 184 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 184 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 180Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 181Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 182Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 183Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 184Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 185Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 186Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 187Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 188Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 716 page
background image
Chapter 8 DMA Controller
8-10
8.3.7.1
Channel Register Settings During Single Address Transfer
Table 8.3.2 shows restrictions of the Channel Register settings during Single Address transfer. If
these restrictions are not met, then a Configuration Error is detected, the Configuration Error bit
(CFERR) of the DMA Channel Status Register (DMCSRn) is set and DMA transfer is not
performed.
For Burst transfer, +8, 0, or –8 can be set to the DMA Source Address Increment Register
(DMSAIRn). Setting 0 is only possible during transfer from memory to external I/O. A
Configuration Error will result if the value “0” is set during transfer from external I/O to memory
or during Memory Fill transfer.
If the setting of the DMA Source Address Increment Register (DMSAIRn) is negative and the
transfer setting size is 2 bytes or larger, then set the DMA Source Address Register (DMSARn)
with 1 to 3 low-order bits complemented.
•
If the transfer size is 2 bytes, set the DMSARn with the low-order 1 bit complemented.
•
If the transfer size is 4 bytes, set the DMSARn with the low-order 2 bits complemented.
•
If the transfer size is 8 bytes or larger, set the DMSARn with the low-order 3 bits
complemented.
Example: When the transfer address is 0x0_0001_0000, the DMA Source Address
Register (DMSARn) is as follows below.
•
DMSAIRn setting is “0” or greater: 0x0_0001_0000
•
DMSAIRn setting is a negative value: 0x0_0001_0007
During Single Address transfer, the DMA Destination Address Register (DMDARn) and DMA
Destination Address Increment Register (DMDAIRn) settings are ignored.
Table 8.3.2 Channel Register Setting Restrictions During Single Address Transfer
DMSARn[2:0]
Transfer Setting
Size
(DMCCRn.XFSZ)
DMSAIRn is “0” or
greater
DMSAIRn setting is a
negative value
DMSAIRn[2:0]
DMCNTRn[2:0]
1 Byte
***
***
***
***
2 Bytes
**0
**0
**0
**0
4 Bytes
*00
*00
*00
*00
8 Bytes
000
111
000
000
4 Double Words
8 Double Words
16 Double Words
32 Double Words
000
111
8/0/-8
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com