Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 212 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 212 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 208Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 209Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 210Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 211Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 212Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 213Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 214Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 215Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 216Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 716 page
background image
Chapter 8 DMA Controller
8-38
8.4.9
DMA Count Register (DM0CNTRn, DM1CNTRn)
Offset Address: DMAC0 0xB018 (ch. 0) / 0xB058 (ch. 1) / 0xB098 (ch. 2) / 0xB0D8 (ch. 3)
DMAC1 0xB818 (ch. 0) / 0xB858 (ch. 1) / 0xB898 (ch. 2) / 0xB8D8 (ch. 3)
63
48
Reserved
: Type
: Initial value
47
32
Reserved
: Type
: Initial value
31
26
25
16
Reserved
DMCNTR[25:0]
R/W
: Type
⎯
: Initial value
15
0
DMCNTR[15:0]
R/W
: Type
⎯
: Initial value
Bit
Mnemonic
Field Name
Description
Read/Write
63:26
Reserved
⎯
25:0
DMCNTR
Count
Count Register (Default: undefined)
This register sets the byte count that is transferred by the DMA Channel
Register setting. The value is a 26-bit unsigned data that is decremented
only by the size of the data transferred during a single bus operation.
Refer to “8.3.7.1 Channel Register Settings During Single Address
Transfer” and “8.3.8.1 Channel Register Settings During Dual Address
Transfer” for more information.
R/W
Figure 8.4.9 DMA Count Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com