Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 282 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 282 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 278Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 279Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 280Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 281Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 282Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 283Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 284Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 285Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 286Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 716 page
background image
Chapter 10 PCI Controller
10-6
10.3.3 Supported PCI Bus Commands
Table 10.3.1 shows the PCI Bus commands that the PCI Controller supports.
Table 10.3.1 Supported PCI Bus Commands
C/BE Value
PCI Command
As Initiator
As Target
0000
Interrupt Acknowledge
†
⎯
0001
Special Cycle
†
⎯
0010
I/O Read
√
√
0011
I/O Write
√
√
0100
(Reserved)
⎯
⎯
0101
(Reserved)
⎯
⎯
0110
Memory Read
√
√
0111
Memory Write
√
√
1000
(Reserved)
⎯
⎯
1001
(Reserved)
⎯
⎯
1010
Configuration Read
†
‡
1011
Configuration Write
†
‡
1100
Memory Read Multiple
√
√
1101
Dual Address Cycle
√
√
1110
Memory Read Line
√
√
1111
Memory Write and Invalidate
√
√
Note: The byte enable signals are asserted as necessary during memory read and memory
write cycles using I/O Read, I/O Write and Single Access commands. During burst
memory reads, four byte enable signals are asserted.
Key:
√ : Supported when in both the Host mode and the Satellite mode
† : Supported only when in the Host mode
‡ : Supported only when in the Satellite mode
— : Not supported
•
I/O Read, I/O Write, Memory Read, Memory Write
This command executes Read/Write access to the address mapped on the G-Bus and PCI Bus.
•
Memory Read Multiple, Memory Read Line
The Memory Read Multiple command is issued if all of the following conditions are met when
the Initiator function is operating and Burst Read access is issued from the G-Bus to the PCI Bus.
(1) A value other than “0” is set to the Cache Line Size Field (PCICFG1.CLS) of the PCI
Configuration 1 Register.
(2) The Read data word count is equal to or less than the value set in the Cache Line Size Field.
Also, the Read Memory Line command is issued when all of the following conditions are met.
(1) A value other than “0” is set to the Cache Line Size Field (PCICFG1.CLS) of the PCI
Configuration 1 Register.
(2) The Read data word count is equal to or less than the value set in the Cache Line Size Field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com