Electronic Components Datasheet Search
  English  ▼

X  

TMPR4938 Datasheet(PDF) 332 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 332 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 328Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 329Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 330Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 331Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 332Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 333Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 334Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 335Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 336Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 716 page
background image
Chapter 10 PCI Controller
10-56
10.4.29 PCI Bus Arbiter Current Grant Register (PBACGNT)
0xD118
This is a diagnostic register that is only valid when using the on-chip PCI Bus Arbiter.
31
16
Reserved
: Type
: Initial value
15
8
7
0
Reserved
CPCIBGS
R/W
: Type
0x80
: Initial value
Bits
Mnemonic
Field Name
Description
Read/Write
31:8
Reserved
⎯
7:0
CPCIBGS
Current PCI
Grant Status
Current PCI Bus Grant Status (Default: 0x80)
This register indicates the current PCI Bus Grant output signal (PCI
Controller and GNT*[3:0]). CPCIBGS[7] corresponds to the PCI Controller,
and CPCIBGS[3:0] correspond to GNT*[3:0].
R/W
Figure 10.4.27 PCI Bus Arbiter Current Grant Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com