Electronic Components Datasheet Search
  English  ▼

X  

LTM4682 Datasheet(PDF) 34 Page - Analog Devices

Part # LTM4682
Description  Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4682 Datasheet(HTML) 34 Page - Analog Devices

Back Button LTM4682 Datasheet HTML 30Page - Analog Devices LTM4682 Datasheet HTML 31Page - Analog Devices LTM4682 Datasheet HTML 32Page - Analog Devices LTM4682 Datasheet HTML 33Page - Analog Devices LTM4682 Datasheet HTML 34Page - Analog Devices LTM4682 Datasheet HTML 35Page - Analog Devices LTM4682 Datasheet HTML 36Page - Analog Devices LTM4682 Datasheet HTML 37Page - Analog Devices LTM4682 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 130 page
background image
LTM4682
34
Rev. A
For more information www.analog.com
OPERATION
If an external oscillator is not provided, the SYNC_nn pins
should only be enabled on one of the LTM4682s con-
trollers. The other(s) should be programmed to disable
SYNC_nn controllers using bit 4 of MFR_CONFIG_ALL. If
an external oscillator is present, the chip with the SYNC_
nn pin enabled will detect the presence of the external
clock and disable its output.
Multiple channels need to connect all the VOSNSn+ pins
together, and all the VOSNSn– pins together, COMPna and
COMPnb pins together as well. Do not assert bit[4] of MFR_
CONFIG_ALL except in a PolyPhase application.
The user must share the SYNC_nn, SHARE_CLK_nn,
FAULTn, and ALERTn pins of these parts. Use the pull-
up resistors on SYNC_nn, FAULTn, SHARE_CLK_nn and
ALERTn. See the Typical Application section.
INTERNAL TEMPERATURE SENSE
Temperature is measured using the internal diode-con-
nected PNP transistors, and the outputs are connected to
TSNS0 to TSNS3 pins corresponding to Channels 0 to 3.
These outputs are used for testing. Two different currents
are applied to the diode (nominally 2µA and 32µA), and
the temperature is calculated from a ∆VBE measurement
made with the internal 16-bit monitor ADC (see Figure 2
Block Diagram).
The LTM4682 will only implement ∆VBE temperature sens-
ing. Therefore the MFR_PWM_MODE bit[5] is reserved.
RCONFIG (RESISTOR CONFIGURATION) PINS
There are twelve input pins utilizing 1% resistors between
these pins to select key operating parameters. The pins
are ASEL_01, ASEL_23, FSWPH_01_CFG, FSWPH_23_
CFG, VOUT0_CFG, VOUT1_CFG, VOUT2_CFG, VOUT3_
CFG, VTRIM0_CFG, VTRIM1_CFG, VTRIM2_CFG, and
VTRIM3_CFG. If pins are floated, the value stored in the
corresponding NVM command is used. If bit 6 of the
MFR_CONFIG_ALL configuration command is asserted in
NVM, the resistor input is ignored upon power-up except
for ASEL, which is always respected. The resistor con-
figuration pins are only measured during a power-up reset
or after a MFR_RESET, or after an RESTORE_USER_ALL
command is executed.
The VOUTn_CFG pin settings are described in Table 1.
These pins set the LTM4682 VOUT0 to VOUT3 output voltage
coarse settings. If the pin is open, the VOUT_COMMAND
command is loaded from NVM to determine the output
voltage. The VTRIMn_CFG pins in Table 2 are used to set
the output voltage fine adjustment setting. Both combine
to offer several distinct output voltages.
The following parameters are set as a percentage of the
output voltage if the RCONFIG pins are used to determine
the output voltage:
n
VOUT_OV_FAULT_LIMIT....................................+10%
n
VOUT_OV_WARN_LIMIT....................................+7.5%
n
VOUT_MAX.........................................................+7.5%
n
VOUT_MARGIN_HIGH........................................+5%
n
VOUT_MARGIN_LOW.........................................–5%
n
VOUT_UV_FAULT_LIMIT....................................–7%
The FSWPH_CFG_nn pin settings are described in Table 3.
This pin selects the switching frequency and phase of each
channel. The phase relationships between the two chan-
nels and the SYNC_nn pin are determined in Table 3. To
synchronize to an external clock, the part should be put
into external clock mode (SYNC_nn output disabled but
frequency set to the nominal value). If no external clock is
supplied, the part will clock at the programmed frequency.
If the application is multiphase and the SYNC_nn signal
between chips is lost, the parts will not operate at the
designed phase, even if they are programmed and trimmed
to the same frequency.
This may increase the ripple voltage on the output, possibly
producing undesirable operation. If the external SYNC_nn
signal is being generated internally and external SYNC_nn
is not selected, bit 10 of MFR_PADS will be asserted. If
no frequency is selected and the external SYNC_nn fre-
quency is not present, a PLL_FAULT will occur. If the user
does not wish to see the ALERT from a PLL_FAULT, even
if there is not a valid synchronization signal at power-up,
the ALERT mask for PLL_FAULT must be written. See the
description on SMBALERT_MASK for more details. If the
SYNC_nn pin is connected between multiple ICs, only one
of the ICs should have the SYNC_nn pin enabled using the
MFR_CONFIG_ALL[4] = 1, and all other ICs should be con-
figured to have the SYNC pin disabled with MFR_CONFIG_
ALL[4] = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com