Electronic Components Datasheet Search
  English  ▼

X  

LTM4682 Datasheet(PDF) 71 Page - Analog Devices

Part # LTM4682
Description  Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4682 Datasheet(HTML) 71 Page - Analog Devices

Back Button LTM4682 Datasheet HTML 67Page - Analog Devices LTM4682 Datasheet HTML 68Page - Analog Devices LTM4682 Datasheet HTML 69Page - Analog Devices LTM4682 Datasheet HTML 70Page - Analog Devices LTM4682 Datasheet HTML 71Page - Analog Devices LTM4682 Datasheet HTML 72Page - Analog Devices LTM4682 Datasheet HTML 73Page - Analog Devices LTM4682 Datasheet HTML 74Page - Analog Devices LTM4682 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 130 page
background image
71
LTM4682
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
in the Pin Configuration section. Table 10, Table 11, and
Table 12 provide equivalent thermal resistances for 0.75V,
1V, and 1.35V outputs with and without airflow. The
derived thermal resistances in Table 10 through Table 12
for the various conditions can be multiplied by the calcu-
lated power loss as a function of ambient temperature to
derive temperature rise above ambient, thus maximum
junction temperature. Room temperature power loss
can be derived from the efficiency curves in the Typical
Performance Characteristics section and adjusted with the
above ambient temperature multiplicative factors.
Table 10 through Table 12: Output Current Derating
Table 10. 0.75V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 38 to Figure 40
5, 8, 12
Figure 35 to Figure 37
0
None
4.4
Figure 38 to Figure 40
5, 8, 12
Figure 35 to Figure 37
200
None
4
Figure 38 to Figure 40
5, 8, 12
Figure 35 to Figure 37
400
None
3
Table 11. 1V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 41 to Figure 43
5, 8, 12
Figure 35 to Figure 37
0
None
4.4
Figure 41 to Figure 43
5, 8, 12
Figure 35 to Figure 37
200
None
4
Figure 41 to Figure 43
5, 8, 12
Figure 35 to Figure 37
400
None
3
Table 12. 1.35V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 44 to Figure 46
5, 8, 12
Figure 35 to Figure 37
0
None
4.4
Figure 44 to Figure 46
5, 8, 12
Figure 35 to Figure 37
200
None
4
Figure 44 to Figure 46
5, 8, 12
Figure 35 to Figure 37
400
None
3
Figure 44. 5VIN to 1.35VOUT
Derating Curve, No Heat Sink
Figure 45. 8VIN to 1.35VOUT
Derating Curve, No Heat Sink
Figure 46. 12VIN to 1.35VOUT
Derating Curve, No Heat Sink
0LFM
200LFM
400LFM
TEMPERATURE (°C)
0
20
40
60
80
100
120
0
20
40
60
80
100
120
140
4682 F44
0LFM
200LFM
400LFM
TEMPERATURE (°C)
0
20
40
60
80
100
120
0
20
40
60
80
100
120
140
4682 F45
0LFM
200LFM
400LFM
TEMPERATURE (°C)
0
20
40
60
80
100
120
0
20
40
60
80
100
120
140
4682 F38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com