Electronic Components Datasheet Search
  English  ▼

X  

LTM4682 Datasheet(PDF) 4 Page - Analog Devices

Part # LTM4682
Description  Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4682 Datasheet(HTML) 4 Page - Analog Devices

  LTM4682 Datasheet HTML 1Page - Analog Devices LTM4682 Datasheet HTML 2Page - Analog Devices LTM4682 Datasheet HTML 3Page - Analog Devices LTM4682 Datasheet HTML 4Page - Analog Devices LTM4682 Datasheet HTML 5Page - Analog Devices LTM4682 Datasheet HTML 6Page - Analog Devices LTM4682 Datasheet HTML 7Page - Analog Devices LTM4682 Datasheet HTML 8Page - Analog Devices LTM4682 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 130 page
background image
LTM4682
4
Rev. A
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Terminal Voltages
VINnn (Note 4), SVIN_nn, IIN_nn+, IIN_nn−,
VIN_VBIAS, RUNP ........................................ –0.3V to 18V
(SVIN_nn – IIN_nn+), (IIN_nn+ – IIN_nn−) ....... –0.3V to 0.3V
SWn ............................ −1V to 18V, −5V to 18V Transient
INTVCC_nn, VBIAS ......................................... –0.3V to 6V
VOUTn ........................................................ –0.3V to 2.0V
VOSNSn+..................................................... –0.3V to 2.0V
VOSNSn−..................................................... –0.3V to 0.3V
RUNn, SDA_nn, SCL_nn, ALERT_nn ......... –0.3V to 5.5V
FSWPH_nn_CFG, VOUTn_CFG,
VTRIMn_CFG, ASEL_nn.......................... –0.3V to 2.75V
FAULTn, SYNC_nn, SHARE_CLK_nn,
WP_nn, PGOODn ...................................... −0.3V to 3.6V
COMPna, COMPnb.................................... –0.3V to 2.7V
TSNSn....................................................... –0.3V to 0.8V
n = 0, 1, 2, 3 and nn = 01, 23
VDD33_nn and VDD25_nn Are Outputs Not to Be Driven.
Temperatures
Internal Operating Temperature Range
(Notes 2, 15, 16) .................................... –40°C to 125°C
Storage Temperature Range .................. –55°C to 125°C
Peak Solder Reflow Package Body Temperature... 245°C
(Note 1)
5
6
7
8
9 10 11 12 13 14
1
4
3
2
15
A
B
C
D
E
F
G
H
K
J
L
T
R
P
N
M
U
AB
AA
Y
W
V
VOUT0
GND
GND
GND
GND
TOP VIEW
BGA PACKAGE
330-PIN (15mm × 22mm × 5.71mm)
TJMAX = 125°C, θJCtop = 2.8°C/W, θJCbottom = 1.4°C/W, θJA = 4.4°C/W
VOUT1
VOUT2
VOUT3
SW0
SW1
SW3
VIN23
VIN01
SW2
SHARE_CLK_01
VTRIM0_CFG
VDD25_01 VTRIM1_CFG
VIN_VBIAS
COMP1b
VDD33_01
VOSNS1–
COMP1a
VOSNS1+
VOSNS2+
INTVCC_01
SVIN_01
SCL_23
ALERT_23
RUN3
SYNC_23
SDA_23
PGOOD0
PGOOD1
COMP2b
COMP2a
RUNP
ALERT_01
SYNC_01
TSNS0
TSNS1
TSNS3
SVIN_23
INTVCC_23
COMP0b
COMP0a
IN_01+
VOSNS0–
IN_01–
IN_23–
VOSNS2–
TSNS2
IN_23+
VOSNS0+
PGOOD2
VOSNS3+
PGOOD3 VOSNS3
–
FAULT2
COMP3a
FAULT3
COMP3b
VDD33_23
WP_23
VBIAS
SGND_01
SGND_23
RUN2
SDA_01
SCL_01
WP_01
θ VALUES ARE DETERMINED BY SIMULATION PER JESD51 CONDITIONS, WEIGHT = 6.4g (TYP.).
θJA VALUE IS OBTAINED WITH DEMO BOARD.
SEE THE APPLICATIONS INFORMATION SECTION FOR LAB MEASUREMENT AND DERATING INFORMATION.
ORDER INFORMATION
PART NUMBER
PAD OR BALL
FINISH*
PART MARKING
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH CODE
LTM4682EY#PBF
SAC305 (RoHS)
LTM4682Y
e1
BGA
4
–40°C to 125°C
LTM4682IY#PBF
SAC305 (RoHS)
LTM4682Y
e1
BGA
4
–40°C to 125°C
LTM4682IY
SnPb (63/37)
LTM4682Y
e0
BGA
4
–40°C to 125°C
• Contact the factory for parts specified with wider operating temperature
ranges. *Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures
• LGA and BGA Package and Tray Drawings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com