Electronic Components Datasheet Search
  English  ▼

X  

LTM4682 Datasheet(PDF) 26 Page - Analog Devices

Part # LTM4682
Description  Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4682 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTM4682 Datasheet HTML 22Page - Analog Devices LTM4682 Datasheet HTML 23Page - Analog Devices LTM4682 Datasheet HTML 24Page - Analog Devices LTM4682 Datasheet HTML 25Page - Analog Devices LTM4682 Datasheet HTML 26Page - Analog Devices LTM4682 Datasheet HTML 27Page - Analog Devices LTM4682 Datasheet HTML 28Page - Analog Devices LTM4682 Datasheet HTML 29Page - Analog Devices LTM4682 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 130 page
background image
LTM4682
26
Rev. A
For more information www.analog.com
VDD33_01
POWER GOOD
FAULT INTERRUPTS
ON_OFF_CONFIG
10k
VIN
VDD33_01
1m
1
1µF
150µF
10k
10k
VIN, 4.5V TO 5.75V
1m
1
1µF
10k
4.99k
4.99k
4.99k
4.99k
4.7µF
4.7µF
22µF
100µF
×5
22µF
×6
+
LOAD
0.75V AT 31.25A
ADJUSTABLE TO 1.35V
100µF
×5
LOAD
0.75V AT 31.25A
ADJUSTABLE TO 1.35V
100µF
×5
LOAD
0.75V AT 31.25A
ADJUSTABLE TO 1.35V
100µF
×5
LOAD
0.75V AT 31.25A
ADJUSTABLE TO 1.35V
4682TC02
PGOOD3
PGOOD2
PGOOD1
PGOOD0
FAULT3
FAULT2
FAULT1
FAULT0
RUN3
RUN2
RUN1
RUN0
RUNP
VIN_VBIAS
SVIN_23
VIN23
SVIN_01
SVIN_23
IN_23–
IN_23+
SVIN_01
SVIN_23
SVIN_01
VIN01
IN_01–
IN_01+
VOSNS3–
VOSNS3+
VOUT3
SW3
SGND_01
SGND_23
GND
VOSNS2–
VOSNS2+
VOUT2
SW2
VOSNS1–
VOSNS1+
VOUT1
SW1
VOSNS0–
VOSNS0+
VOUT0
SW0
LTM4682
I2C/SMBus I/F WITH PMBus COMMAND
SET TO/FROM IPMI OR OTHER BOARD
MANAGEMENT CONTROLLER
VIN_ON, VIN_OFF, VIN_OV, VIN_UV
ARE ADJUSTED FOR LOW VIN OPERATION
4700pF
4700pF
100pF
100pF
4700pF
100pF
4700pF
100pF
32.4k
22.6k
CONFIG RESISTORS ARE
TO BE 1%, 50PPM
MFR_CONFIG_ALL[4] = 0
FOR 0,1 DEVICE
SUBORDINATE ADDRESS: 100_1111_R/W
FOR 2,3 DEVICE
SUBORDINATE ADDRESS: 100_1110_R/W
TEST CIRCUITS
Test Circuit 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com