Electronic Components Datasheet Search
  English  ▼

X  

LTM4682 Datasheet(PDF) 12 Page - Analog Devices

Part # LTM4682
Description  Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4682 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTM4682 Datasheet HTML 8Page - Analog Devices LTM4682 Datasheet HTML 9Page - Analog Devices LTM4682 Datasheet HTML 10Page - Analog Devices LTM4682 Datasheet HTML 11Page - Analog Devices LTM4682 Datasheet HTML 12Page - Analog Devices LTM4682 Datasheet HTML 13Page - Analog Devices LTM4682 Datasheet HTML 14Page - Analog Devices LTM4682 Datasheet HTML 15Page - Analog Devices LTM4682 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 130 page
background image
LTM4682
12
Rev. A
For more information www.analog.com
Single Channel Efficiency, 5VIN,
VIN = SVIN = INTVCC = 5V,
RUNP = 0V,
Continuous-Conduction Mode
Single Channel Efficiency, 8VIN,
VIN = SVIN = VIN_VBIAS = 8V,
RUNP = 8V,
Continuous-Conduction Mode
Single Channel Efficiency, 12VIN,
VIN = SVIN = VIN_VBIAS = RUNP = 12V,
Continuous-Conduction Mode
LOAD CURRENT (A)
0
5
10
15
20
25
30
35
60
65
70
75
80
85
90
95
100
4682 G01
5VIN, 0.75VOUT, 575kHz
5VIN, 0.9VOUT, 650kHz
5VIN, 1.0VOUT, 650kHz
5VIN, 1.2VOUT, 650kHz
5VIN, 1.35VOUT, 750kHz
LOAD CURRENT (A)
0
5
10
15
20
25
30
35
60
65
70
75
80
85
90
95
100
4682 G03
8VIN, 0.75VOUT, 575kHz
8VIN, 0.9VOUT, 650kHz
8VIN, 1.0VOUT, 650kHz
8VIN, 1.2VOUT, 650kHz
8VIN, 1.35VOUT, 750kHz
LOAD CURRENT (A)
0
5
10
15
20
25
30
35
60
65
70
75
80
85
90
95
100
4682 G03
12VIN, 0.75VOUT, 575kHz
12VIN, 0.9VOUT, 650kHz
12VIN, 1.0VOUT, 650kHz
12VIN, 1.2VOUT, 650kHz
12VIN, 1.35VOUT, 750kHz
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
0
20
40
60
80
100
120
60
65
70
75
80
85
90
95
100
LOAD CURRENT (A)
4682 G04
12VIN, 0.75VOUT, 575kHz
12VIN, 0.9VOUT, 650kHz
12VIN, 1.0VOUT, 650kHz
12VIN, 1.2VOUT, 650kHz
12VIN, 1.35VOUT, 750kHz
Quad Channel Single Output Efficiency
VIN = SVIN = VIN_VBIAS = RUNP = 12V,
Continuous-Conduction Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com