Electronic Components Datasheet Search
  English  ▼

X  

LTM4682 Datasheet(PDF) 22 Page - Analog Devices

Part # LTM4682
Description  Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4682 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTM4682 Datasheet HTML 18Page - Analog Devices LTM4682 Datasheet HTML 19Page - Analog Devices LTM4682 Datasheet HTML 20Page - Analog Devices LTM4682 Datasheet HTML 21Page - Analog Devices LTM4682 Datasheet HTML 22Page - Analog Devices LTM4682 Datasheet HTML 23Page - Analog Devices LTM4682 Datasheet HTML 24Page - Analog Devices LTM4682 Datasheet HTML 25Page - Analog Devices LTM4682 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 130 page
background image
LTM4682
22
Rev. A
For more information www.analog.com
VOSNS2– (R8): Channel 2 Negative Differential Voltage
Sense Input. See VOSNS2+.
IIN_23+ (R9): Positive Current Sense Amplifier Input. If
the input current sense amplifier is not used, this pin
must be shorted to the IIN_23– and SVIN_23 pin. See the
Applications Information section for more details about
the input current sensing.
VOSNS3+ (R11): Channel 3 Positive Differential Voltage
Sense Input. Together, VOSNS3+ and VOSNS3– serve to
Kelvin-sense the VOUT3 output voltage at VOUT3’s POL
and provide the differential feedback signal directly to
Channel  3’s feedback loop. Command VOUT3’s target
regulation voltage by serial bus. Its initial command value
at SVIN_23 power-up is dictated by NVM contents (factory
default: 0.75V)—or, optionally, may be set by configu-
ration resistors; see VOUT3_CFG, VTRIM3_CFG and the
Applications Information section.
VOSNS3– (T11): Channel 3 Negative Differential Voltage
Sense Input. See VOSNS3+.
SW3 (V1-V2, W1-W2, Y1-Y2): Switching Node of
Channel  3 Step-Down Converter Stage. Used for test
purposes or EMI-snubbing. It may be routed a short dis-
tance to a local test point to monitor switching action of
Channel 3, if desired, but do not route near any sensitive
signals. Otherwise, leave it open.
VOUT3 (V13-V15, W13-W15, Y13-Y15, AA13-AA15,
AB13-AB15): Channel 3 Output Voltage. Place the rec-
ommended output capacitors from this shape to GND See
the Layout Checklist/Example section.
RUN2, RUN3 (Y9, Y8): Enable Run Input for Channels 2
and 3, respectively. Open-drain input and output. The logic
high on these pins enables the respective outputs of the
LTM4682. These open-drain output pins hold the pin low
until the LTM4682 is out of reset and SVIN_23 is detected
to exceed VIN_ON. A pull-up resistor to 3.3V is required in
the application. The LTM4682 pulls RUN2 and/or RUN3
low, as appropriate, when a global fault and/or channel-
specific fault occurs whose fault response is configured to
latch off and cease regulation; issuing a CLEAR_FAULTS
command through I2C or power-cycling SVIN_23 is neces-
sary to restart the module, in such cases. Do not pull RUN
logic high with a low impedance source. INTVCC is active
when SVIN_23 is above UVLO. This provides power to
the VDD33 and VDD25 to allow programming the EEPROM.
VDD33_23 (Y10): Internally Generated 3.3V Power Supply
Output Pin for Channels 2 and 3 Circuits. This pin should
only be used to provide external current for the pull-up
resistors required for FAULT_nn, SHARE_CLK_nn, and
SYNC_nn, and may be used to provide external current for
pull-up resistors on RUNn, SDA_nn, SCL_nn, ALERT_nn
and PGOODn. Where nn is either 0,1 or 2,3 channels, and
n is the actual channel. No external decoupling is required.
VDD33_23 can be powered from VBIAS, such that this con-
troller 2 can be programmed with RUNn low.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com