Electronic Components Datasheet Search
  English  ▼

X  

LTM4682 Datasheet(PDF) 1 Page - Analog Devices

Part # LTM4682
Description  Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4682 Datasheet(HTML) 1 Page - Analog Devices

  LTM4682 Datasheet HTML 1Page - Analog Devices LTM4682 Datasheet HTML 2Page - Analog Devices LTM4682 Datasheet HTML 3Page - Analog Devices LTM4682 Datasheet HTML 4Page - Analog Devices LTM4682 Datasheet HTML 5Page - Analog Devices LTM4682 Datasheet HTML 6Page - Analog Devices LTM4682 Datasheet HTML 7Page - Analog Devices LTM4682 Datasheet HTML 8Page - Analog Devices LTM4682 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 130 page
background image
1
LTM4682
Rev. A
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Low Profile Quad 31.25A or Single 125A μModule
Regulator with Digital Power System Management
The LTM®4682 is a quad 31.25A or single 125A step-down
power µModule® (power micromodule) DC/DC regulator
featuring remote configurability and telemetry monitor-
ing of power management parameters over PMBus. The
LTM4682 is comprised of digitally programmable analog
control loops, and is optimized for higher bandwidth and
transient response.
The LTM4682’s 2-wire serial interface allows outputs
to be margined, tuned, and ramped up and down at
programmable slew rates with sequencing delay times.
True input current sense, output currents, output voltages,
output power, temperatures, uptime, and peak values are
readable. Custom configuration of the EEPROM contents
is not required. At start-up, output voltages, switching
frequency, and channel phase angle assignments can be
set by pin-strapping resistors. The LTpowerPlay® graphical
user interface (GUI), the DC1613A USB-to-PMBus con-
verter, and evaluation kits are available.
The LTM4682 is offered in a 15mm × 22mm × 5.71mm
BGA package available with an SnPb or a RoHS-compliant
terminal finish.
APPLICATIONS
n
Quad Digitally Adjustable Analog Loops with Digital
Interface for Control and Monitoring
n
Wide Input Voltage Range: 4.5V to 16V
n
Output Voltage Range: 0.7V to 1.35V
n
±0.5% DC Output Accuracy at 0.75V
n
±4.5% Current Readback Accuracy: 0°C to 125°C
n
Optimized for Low Output Voltage Ranges
n
400kHz PMBus-Compliant I2C Serial Interface
n
Supports Telemetry Polling Rates Up to 125Hz
n
Integrated 16-Bit ∆Σ ADC
n
Parallel and Current Share Multiple Modules
n
15mm × 22mm × 5.71mm BGA Package
Readable Data
n
Input and Output Voltages, Currents, and Temperatures
n
Running Peak Values, Uptime, Faults and Warnings
n
Onboard EEPROM Fault Log Record
Writable Data and Configurable Parameters
n
Output Voltage, Voltage Sequencing and Margining
n
Digital Soft-Start/Stop Ramp, Program Analog Loop
n
OV/UV/OT, UVLO, Frequency and Phasing
n
Multi-Rail Processor Power, Configurable Core Power
All registered trademarks and trademarks are the property of their respective owners.
Quad 31.25A µModule Regulator with Digital Interface for Control and Monitoring
Single Channel Efficiency
vs Load Current
POWER GOOD MONITORS
FAULT INTERRUPTS
ON/OFF CONTROL
4.5V TO 16V
CBULK
22µF
×6
22µF
×6
LOAD
1.2V AT 31.25A
CBULK
LOAD
1.0V AT 31.25A
CBULK
LOAD
0.9V AT 31.25A
CBULK
LOAD
0.75V AT 31.25A
CER
CER
CER
CER
4682 TA01a
PGOOD0,1,2,3
FAULT0,1,2,3
RUN0,1,2,3
RUNP
VIN_VBIAS
SVIN_23
VIN23
IN_23–
IN_23+
SVIN_01
VIN01
IN_01–
IN_01+
VOSNS3–
VOSNS3+
VOUT3
VOSNS2–
VOSNS2+
VOUT2
VOSNS1–
VOSNS1+
VOUT1
VOSNS0–
VOSNS0+
VOUT0
LTM4682
I2C/SMBus I/F WITH PMBus COMMAND
SET TO/FROM IPMI OR OTHER
BOARD MANAGEMENT CONTROLLER
SYNCHRONIZATION TIME
BASE REGISTER WRITE
PROTECTION
FOR COMPLETE CIRCUIT
SEE FIGURE 48
(FROM 4.5V TO 5.5V
CONNECT VIN, SVIN,
AND INTVCC TOGETHER)
+
+
+
+
RSENSE1
RSENSE2
LOAD CURRENT (A)
0
5
10
15
20
25
30
35
60
65
70
75
80
85
90
95
100
4682 TA01b
12VIN, 0.75VOUT, 575kHz
12VIN, 0.9VOUT, 650kHz
12VIN, 1.0VOUT, 650kHz
12VIN, 1.2VOUT, 650kHz
12VIN, 1.35VOUT, 750kHz
Configurable Output Array
31.25A
31.25A
31.25A
31.25A
62.5A
31.25A
31.25A
93.75A
31.25A
62.5A
62.5A
125A


Similar Part No. - LTM4682

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM4682 AD-LTM4682 Datasheet
4Mb / 130P
Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
Rev. 0
LTM4682EYPBF AD-LTM4682EYPBF Datasheet
4Mb / 130P
Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
Rev. 0
LTM4682IY AD-LTM4682IY Datasheet
4Mb / 130P
Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
Rev. 0
LTM4682IYPBF AD-LTM4682IYPBF Datasheet
4Mb / 130P
Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
Rev. 0
More results

Similar Description - LTM4682

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4676A LINER-LTM4676A_15 Datasheet
1Mb / 130P
Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4675 LINER-LTM4675_15 Datasheet
2Mb / 128P
Dual 9A or Single 18A Module Regulator with Digital Power System Management
LTM4676 LINER-LTM4676_15 Datasheet
1Mb / 78P
Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4676A LINER-LTM4676A Datasheet
2Mb / 136P
Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
logo
Analog Devices
LTM4678 AD-LTM4678 Datasheet
6Mb / 124P
Dual 25A or Single 50A 關Module Regulator with Digital Power System Management
LTC7132 AD-LTC7132 Datasheet
4Mb / 118P
25A, Dual PolyPhase Regulator with Digital Power System Management
LTM4681 AD-LTM4681 Datasheet
3Mb / 132P
Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
LTM4686B AD-LTM4686B Datasheet
3Mb / 130P
Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
Rev. 0
LTM4700 AD-LTM4700 Datasheet
3Mb / 126P
Dual 50A or Single 100A μModule Regulator with Digital Power System Management
LTM4683 AD-LTM4683 Datasheet
5Mb / 132P
Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com