Electronic Components Datasheet Search
  English  ▼

X  

LTM4682 Datasheet(PDF) 20 Page - Analog Devices

Part # LTM4682
Description  Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4682 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTM4682 Datasheet HTML 16Page - Analog Devices LTM4682 Datasheet HTML 17Page - Analog Devices LTM4682 Datasheet HTML 18Page - Analog Devices LTM4682 Datasheet HTML 19Page - Analog Devices LTM4682 Datasheet HTML 20Page - Analog Devices LTM4682 Datasheet HTML 21Page - Analog Devices LTM4682 Datasheet HTML 22Page - Analog Devices LTM4682 Datasheet HTML 23Page - Analog Devices LTM4682 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 130 page
background image
LTM4682
20
Rev. A
For more information www.analog.com
target regulation voltage by serial bus. Its initial command
value at SVIN_01 power-up is dictated by NVM contents
(factory default: 0.75V)—or, optionally, may be set by
configuration resistors; see VOUT1_CFG, VTRIM1_CFG
and the Applications Information section.
COMP0b, COMP1b, COMP2b, COMP3b (G10, F9, T9,
W11): Current Control Threshold and Error Amplifier
Compensation Nodes. Each associated channel’s current
comparator tripping threshold increases with its compen-
sation voltage. Each channel has a 22pF to SGND.
COMP0a, COMP1a, COMP2a, COMP3a (G11, G9, T8,
V11): Loop Compensation Nodes. The internal PWM
loop compensation resistors RCOMPn of the LTM4682
can be adjusted using bit[4:0] of the MFR_PWM_COMP
command. The transconductance of the LTM4682 PWM
error amplifier can be adjusted using bit[7:5] of the MFR_
PWM_COMP command. These two loop compensation
parameters can be programmed when the device is in
operation. See the Programmable Loop Compensation
subsection in the Applications Information section for
further details. See Figure 1.
PGOOD0, PGOOD1, PGOOD2, PGOOD3 (H9, H8, R10,
T10): Power Good Indicator Outputs. The open-drain logic
output is pulled to the ground when the output exceeds
the UV and OV regulation window. The output is de-
glitched by an internal 100µs filter. A pull-up resistor to
3.3V is required in the application.
IIN_01+ (H10): Positive Current Sense Amplifier Input.
If the input current sense amplifier is not used, this pin
must be shorted to the IIN_01– and SVIN_01 pin. See the
Applications Information section for more details about
the input current sensing.
VOSNS0– (H11): Channel 0 Negative Differential Voltage
Sense Input. See VOSNS0+.
SVIN_01 (J8): Input Supply for LTM4682’s Internal Control
IC for Channels 0 and 1. In most applications, SVIN_01
connects to VIN01. SVIN_01 can be operated from an aux-
iliary supply separate from VIN01 for powering the VIN01
from a lower supply like 6V. The SVIN_01 pin requires
1Ω and 1µF decoupling capacitor to measure the actual
control chip current. The 1Ω resistor is used to measure
the actual control chip current. See MFR_READ_ICHIP
and MFR_ADC_CONTROL COMMAND section. When
operating from 4.5V to 5.75V with no auxiliary bias sup-
ply, then the main input supply should connect to SVIN_01
and INTVCC_01. See Test Circuit 2 for an example. In this
configuration, the ICHIP current will not be relevant since
INTVCC_01 is connected to SVIN_01.
INTVCC_01 (J9): Internal Regulator, 5.5V Output. When
operating the LTM4682 from 5.75V ≤ SVIN_01 ≤ 16V, an
internal LDO generates INTVCC_01 from SVIN_01 to bias
internal control circuits and the MOSFET drivers of the
LTM4682’s Channels 0 and 1. An external 4.7µF ceramic
decoupling capacitor is required. The INTVCC_01 is on
regulated regardless of the RUNn pin state. When operat-
ing the LTM4682 with 4.5V ≤ SVIN_01 < 5.75V, INTVCC_01
must be electrically shorted to SVIN_01, and the RUNP pin
must be pulled to GND. The VBIAS takes over after startup
when the input voltage is greater than 7V.
IIN_01– (J10): Negative Current Sense Amplifier Input. If
the input current sense amplifier is not used, this pin
must be shorted to the IIN_01+ and SVIN_01 pin. See the
Applications Information section for more details about
the input current sensing.
VOSNS0+ (J11): Channel 0 Positive Differential Voltage
Sense Input. Together, VOSNS0+ and VOSNS0– serve to
Kelvin-sense the VOUT0 output voltage at VOUT0’s point
of load (POL) and provide the differential feedback signal
directly to Channel 0’s feedback loop. Command VOUT0’s
target regulation voltage by serial bus. Its initial command
value at SVIN_01 power-up is dictated by NVM contents
(factory default: 0.75V)—or, optionally, may be set by
configuration resistors; see VOUT0_CFG, VTRIM0_CFG
and the Applications Information section.
VIN23 (N5-N6, P5-P6, R5-R6, T5-T6, U5-U6, V5-V6,
W5-W6, Y5-Y6, AA5-AA6, AB5-AB6): Positive Power
Input to Channels 2 and 3 Switching Stages. Provide suf-
ficient decoupling capacitance in the form of MLCCs and
low ESR electrolytic (or equivalent) to handle reflected
input current ripple from the step-down switching stage.
The MLCCs should be placed as close to the LTM4682
as physically possible. See the Layout Checklist/Example
section in the Applications Information section.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com