Electronic Components Datasheet Search
  English  ▼

X  

LTM4682 Datasheet(PDF) 7 Page - Analog Devices

Part # LTM4682
Description  Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4682 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTM4682 Datasheet HTML 3Page - Analog Devices LTM4682 Datasheet HTML 4Page - Analog Devices LTM4682 Datasheet HTML 5Page - Analog Devices LTM4682 Datasheet HTML 6Page - Analog Devices LTM4682 Datasheet HTML 7Page - Analog Devices LTM4682 Datasheet HTML 8Page - Analog Devices LTM4682 Datasheet HTML 9Page - Analog Devices LTM4682 Datasheet HTML 10Page - Analog Devices LTM4682 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 130 page
background image
7
LTM4682
Rev. A
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified internal
operating temperature range (Note 2). Specified as each individual output channel (Note 4). TA = 25°C, VIN = 12V, RUNn = 3.3V,
RUNP = 12V, FREQUENCY_SWITCH = 575kHz and VOUTn commanded to 0.75V unless otherwise noted. Configured with factory-default
EEPROM settings and per Test Circuit 1, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Analog OV/UV SVIN_nn Input Voltage Supervisor Comparators (Threshold Detectors for VIN_ON and VIN_OFF)
NSVIN-OV/UV-COMP SVIN_nn OV/UV Comparator
Threshold-Programming Resolution
(Note 14)
9
Bits
SVIN-OU-RANGE
SVIN_nn OV/UV Comparator
Threshold-Programming Range
Limited to Abs Max = 18V
l
4.5
18
V
SVIN-OU-STP
SVIN_nn OV/UV Comparator Threshold-
Programming LSB Step Size
(Note 14)
76
mV
SVIN-OU-ACC
SVIN_nn OV/UV Comparator
Threshold Accuracy
9V < SVIN ≤ 16V
4.5V ≤ SVIN ≤ 9V
l
l
±3
±270
%
mV
tPROP-SVIN-HIGH-VIN SVIN_nn OV/UV Comparator
Response Time, High VIN Operating
Configuration
Test Circuit 1, and:
VIN_ON = 9V, SVIN Driven from 8.775V to 9.225V
VIN_OFF = 9V, SVIN Driven from 9.225V to 8.775V
l
l
100
100
µs
µs
tPROP-SVIN-LOW-VIN SVIN_nn OV/UV Comparator
Response Time, Low VIN Operating
Configuration
Test Circuit 2, and:
VIN_ON = 4.5V, SVIN Driven from 4.225V to 4.725V
VIN_OFF = 4.5V, SVIN Driven from 4.725V to 4.225V
l
l
100
100
µs
µs
Channeln Output Voltage Readback (READ_VOUTn)
NVO-RB
Output Voltage Readback Resolution
and LSB Step Size
(Note 14)
16
244
Bits
µV
VO-F/S
Output Voltage Full-Scale
Digitizable Range
VRUNn = 0V (Note 14), Limited to 1.35V Max Operating
8
V
VO-RB-ACC
Output Voltage Readback Accuracy
Channel n: 0.7V ≤ VVOSNS+ – VVOSNS– < 1.35V
l
–7
7
mV
tCONVERT-VO-RB
Output Voltage Readback
Update Rate
MFR_ADC_CONTROL = 0x00 (Notes 9, 14)
MFR_ADC_CONTROL = 0x01 through 0x0C (Notes 9, 14)
MFR_ADC_CONTROL Section
90
8
ms
ms
ms
Input Voltage (SVIN_nn ) Readback (READ_VIN)
NSVIN-RB
Input Voltage Readback Resolution
and LSB Step Size
(Notes 10, 14) Limited to Abs Max = 18V
10
15.625
Bits
mV
SVIN-F/S
Input Voltage Full-Scale
Digitizable Range
(Notes 11, 14) Limited to 16V Operating
43
V
SVIN-RB-ACC
Input Voltage Readback Accuracy
READ_VIN, 4.5V ≤ SVIN ≤ 16V
l
Within ±2% of Reading
tCONVERT-SVIN-RB Input Voltage Readback Update Rate MFR_ADC_CONTROL = 0x00 (Notes 9, 14)
MFR_ADC_CONTROL = 0x01 (Notes 9, 14)
90
8
ms
ms
Channeln OutputCurrent(READ_IOUTn),DutyCycle(READ_DUTY_CYCLEn),andComputedInputCurrent(MFR_READ_IINn)Readback
NIO-RB
Output Current Readback Resolution
and LSB Step Size
(Notes 10, 14)
10
34.1
Bits
mA
IOUT-F/S
Output Current Full-Scale
Digitizable Range
(Note 14) Utilizing MFR_PWM_MODE[7] = 1, Using
IOUT_OC_FAULT_LIMIT = 61A, See the IOUT_OC_
FAULT_LIMIT in the PMBus Command Details Section
54
A
IOUT-RB-ACC
Output Current, Readback Accuracy
READ_IOUTn, Channel 0 to Channel 3, 0 ≤ IOUTn ≤ 25A,
Forced Continuous Mode, MFR_PWM_MODEn[0] = 1b
See Histograms in Typical Performance Characteristics
Section, (Note 12)
l
Within 1.5A of Reading
IOUT-RB(31.25A)
Full Load Output Current Readback
(Note 12), See Histograms in Typical Performance
Characteristics
31.25
A
tCONVERT-IO-RB
Output Current Readback Update
Rate
MFR_ADC_CONTROL = 0x00 (Notes 9, 14)
MFR_ADC_CONTROL = 0x06 (CH0,2 IOUT) or 0x0A (CH1,3 IOUT)
(Notes 9, 14) See MFR_ADC_CONTROL SECTION
90
8
ms
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com