Electronic Components Datasheet Search
  English  ▼

X  

LTM4682 Datasheet(PDF) 91 Page - Analog Devices

Part # LTM4682
Description  Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4682 Datasheet(HTML) 91 Page - Analog Devices

Back Button LTM4682 Datasheet HTML 87Page - Analog Devices LTM4682 Datasheet HTML 88Page - Analog Devices LTM4682 Datasheet HTML 89Page - Analog Devices LTM4682 Datasheet HTML 90Page - Analog Devices LTM4682 Datasheet HTML 91Page - Analog Devices LTM4682 Datasheet HTML 92Page - Analog Devices LTM4682 Datasheet HTML 93Page - Analog Devices LTM4682 Datasheet HTML 94Page - Analog Devices LTM4682 Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 130 page
background image
91
LTM4682
Rev. A
For more information www.analog.com
VOUT_MODE
The data byte for the VOUT_MODE command, used for commanding and reading output voltage, consists of a 3-bit
mode (only linear format is supported) and a 5-bit parameter representing the exponent used in output voltage Read/
Write commands.
This read-only command has one data byte.
VOUT_MAX
The VOUT_MAX command sets an upper limit on any voltage, including VOUT_MARGIN_HIGH. The unit can com-
mand regardless of any other commands or combinations. The maximum allowed value of this command is 1.5V.
The maximum output voltage the LTM4682 can produce is 1.35V, including VOUT_MARGIN_HIGH. However, the
VOUT_OV_FAULT_LIMIT can be commanded as high as 1.5V.
This command has two data bytes and is formatted in Linear_16u format.
VOUT_OV_FAULT_LIMIT
The VOUT_OV_FAULT_LIMIT command sets the value of the output voltage measured by the OV supervisor compara-
tor at the sense pins, in volts, which causes an output overvoltage fault.
If the VOUT_OV_FAULT_LIMIT is modified and the part is in the RUN state, allow 10ms after the command is modi-
fied to ensure the new value is being honored. The part indicates if it is busy making a calculation. Monitor bits 5 and
6 of MFR_COMMON. Either bit is low if the part is busy. If this wait time is not honored and the VOUT_COMMAND
is modified above the old overvoltage limit, an OV condition might temporarily be detected, resulting in undesirable
behavior and possible damage to the switcher.
If the VOUT_OV_FAULT_RESPONSE is set to OV_PULLDOWN or 0x00, the FAULT pin will not assert if the VOUT_OV_
FAULT is propagated. The LTM4682 will pull the TG low and assert the BG bit when the overvoltage condition is detected.
This command has two data bytes and is formatted in Linear_16u format.
VOUT_OV_WARN_LIMIT
The VOUT_OV_WARN_LIMIT command sets the value of the output voltage measured by the ADC at the sense pins,
in volts, which causes an output voltage high warning. The MFR_VOUT_PEAK value can be used to determine if this
limit has been exceeded.
In response to the VOUT_OV_WARN_LIMIT being exceeded, the device:
• Sets the NONE_OF_THE_ABOVE bit in the STATUS_BYTE
• Sets the VOUT bit in the STATUS_WORD
• Sets the VOUT overvoltage warning bit in the STATUS_VOUT command
• Notifies the host by asserting ALERT pin, unless masked
This condition is detected by the ADC, so that the response time may be up to tCONVERT.
PMBus COMMAND DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com