Electronic Components Datasheet Search
  English  ▼

X  

LTM4682 Datasheet(PDF) 16 Page - Analog Devices

Part # LTM4682
Description  Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4682 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTM4682 Datasheet HTML 12Page - Analog Devices LTM4682 Datasheet HTML 13Page - Analog Devices LTM4682 Datasheet HTML 14Page - Analog Devices LTM4682 Datasheet HTML 15Page - Analog Devices LTM4682 Datasheet HTML 16Page - Analog Devices LTM4682 Datasheet HTML 17Page - Analog Devices LTM4682 Datasheet HTML 18Page - Analog Devices LTM4682 Datasheet HTML 19Page - Analog Devices LTM4682 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 130 page
background image
LTM4682
16
Rev. A
For more information www.analog.com
PIN FUNCTIONS
output capacitors from this shape to GND. See the Layout
Checklist/Example section.
VOUT2_CFG (AA8): Output Voltage Select Pin for VOUT2,
Coarse Setting. If the VOUT2_CFG and VTRIM2_CFG pins
are both left open—or, if the LTM4682 is configured to
ignore pin-strap (RCONFIG) resistors, i.e., MFR_CONFIG_
ALL[6] = 1b—then the LTM4682s target VOUT2 output
voltage setting (VOUT_COMMAND2) and associated
power-good and OV/UV warning and fault thresholds are
dictated at SVIN_23 power-up according to the LTM4682’s
NVM contents. A resistor divider connected to 2.5V and
to SGND to this pin—in combination with resistor pin
settings on VTRIM2_CFG, and using the factory-default
NVM setting of MFR_CONFIG_ALL[6] = 0b—can be
used to configure the LTM4682’s Channel 2 output to
power-up to a VOUT_COMMAND value (and associated
output voltage monitoring and protection/fault-detection
thresholds) different from those of NVM contents. See the
Applications Information section. Connecting resistor(s)
from VOUT2_CFG to SGND and/or VTRIM2_CFG to SGND
in this manner allows a convenient way to configure mul-
tiple LTM4682s with identical NVM contents for different
output voltage settings all without GUI intervention or
the need to custom-preprogram module NVM contents.
Minimize capacitance especially when the pin is left open
to ensure accurate detection of the pin state. Note that
the use of RCONFIGs on VOUT2_CFG/VTRIM2_CFG can
affect the VOUT2 range setting (MFR_PWM_MODE0[1])
and loop gain. For addressed ASEL_23, Page 0x00 cor-
responds to Channel 2 and Page 0x01 corresponds to
Channel 3. See PAGE description section.
FSWPH_23_CFG (AA9): Switching Frequency, Channel
Phase-Interleaving Angle and Phase Relationship to SYNC
Configuration Pin for Channels 2 and 3. If this pin is left
open—or, if the LTM4682 is configured to ignore pin-
strap (RCONFIG) resistors, i.e., MFR_CONFIG_ALL[6] =
1b—then LTM4682’s switching frequency (FREQUENCY_
SWITCH) and channel phase relationships (with respect
to the SYNC clock; MFR_PWM_CONFIG[2:0]) are dictated
at SVIN_23 power-up according to the LTM4682’s NVM
contents for Channels 2 and 3. Default factory values
are 575kHz operation; Channel 2 at 0°; and Channel 3 at
180°C (convention throughout this document: a phase
angle of 0° means the channel’s switch node rises coinci-
dent with the falling edge of the SYNC pulse). Connecting a
resistor divider from 2.5V to SGND (and using the factory-
default NVM setting of MFR_CONFIG_ALL[6] = 0b) allows
a convenient way to configure multiple LTM4682s with
identical NVM contents for different switching frequen-
cies of operation and phase interleaving angle settings of
intra- and extra-module-paralleled channels—all, with-
out GUI intervention or the need to custom pre-program
module NVM contents. See the Applications Information
section. Minimize capacitance, especially, when the pin
is left open, to ensure accurate detection of the pin state.
ASEL_23 (AA10): Serial Bus Address Configuration Pin
for Channels 2 and 3 Controller. On any given I2C/SMBus
serial bus segment, every device must have its unique
subordinate address. If this pin is left open, the LTM4682
powers up to its default subordinate address of 0x4F
(hexadecimal), i.e., 1001111b (industry-standard conven-
tion is used throughout this document: 7-bit subordinate
addressing). The lower 4 bits of the LTM4682’s subordi-
nate address can be altered from this default value by con-
necting a resistor from this pin to SGND. Minimize capaci-
tance—especially when the pin is left open—to ensure
accurate detection of the pin state. It is recommended to
use a resistor to set the address. The ASEL_23 address
will be used to address Channels 2 and 3, and a differ-
ent ASEL_01 address will be used to address Channels 0
and 1. For addressed ASEL_23, Page 0x00 corresponds to
Channel 2 and Page 0x01 corresponds to Channel 3. See
PAGE description section. The GUI will represent Channel
2 as U1:B0 and Channel 3 as U1:B1. See the LTpowerPlay
Screen Shot (Figure 31).
VOUT3_CFG (AB8): Output Voltage Select Pin for VOUT3,
Coarse Setting. If the VOUT3_CFG and VTRIM3_CFG pins
are both left open—or, if the LTM4682 is configured to
ignore pin-strap (RCONFIG) resistors, i.e., MFR_CONFIG_
ALL[6] = 1b, then the LTM4682s target VOUT3 output
voltage setting (VOUT_COMMAND3) and associated
power-good and OV/UV warning and fault thresholds are
dictated at SVIN_23 power-up according to the LTM4682’s
NVM contents. A resistor divider connected to 2.5V and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com