Electronic Components Datasheet Search
  English  ▼

X  

LTM4682 Datasheet(PDF) 92 Page - Analog Devices

Part # LTM4682
Description  Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4682 Datasheet(HTML) 92 Page - Analog Devices

Back Button LTM4682 Datasheet HTML 88Page - Analog Devices LTM4682 Datasheet HTML 89Page - Analog Devices LTM4682 Datasheet HTML 90Page - Analog Devices LTM4682 Datasheet HTML 91Page - Analog Devices LTM4682 Datasheet HTML 92Page - Analog Devices LTM4682 Datasheet HTML 93Page - Analog Devices LTM4682 Datasheet HTML 94Page - Analog Devices LTM4682 Datasheet HTML 95Page - Analog Devices LTM4682 Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 130 page
background image
LTM4682
92
Rev. A
For more information www.analog.com
PMBus COMMAND DETAILS
This command has two data bytes and is formatted in Linear_16u format.
VOUT_MARGIN_HIGH
The VOUT_MARGIN_HIGH command loads the unit with the voltage to which the output is to be changed, in Volts, when
the OPERATION command is set to Margin High. The value should be greater than VOUT_COMMAND. The maximum
guaranteed value on VOUT_MARGIN_HIGH is 1.5V.
This command will not be acted on during TON_RISE and TOFF_FALL output sequencing. The VOUT_TRANSITION_
RATE will be used if this command is modified while the output is active and in a steady-state condition.
This command has two data bytes and is formatted in Linear_16u format.
VOUT_COMMAND
The VOUT_COMMAND consists of two bytes and is used to set the output voltage, in volts. The maximum guaranteed
value on VOUT is 1.5V.
This command will not be acted on during TON_RISE and TOFF_FALL output sequencing. The VOUT_TRANSITION_
RATE will be used if this command is modified while the output is active and in a steady-state condition.
This command has two data bytes and is formatted in Linear_16u format.
VOUT_MARGIN_LOW
The VOUT_MARGIN_LOW command loads the unit with the voltage to which the output is to be changed, in volts,
when the OPERATION command is set to Margin Low. The value must be less than VOUT_COMMAND.
This command will not be acted on during TON_RISE and TOFF_FALL output sequencing. The VOUT_TRANSITION_
RATE will be used if this command is modified while the output is active and in a steady-state condition.
This command has two data bytes and is formatted in Linear_16u format.
VOUT_UV_WARN_LIMIT
The VOUT_UV_WARN_LIMIT command reads the value of the output voltage measured by the ADC at the sense pins,
in volts, which causes an output voltage low warning.
In response to the VOUT_UV_WARN_LIMIT being exceeded, the device:
• Sets the NONE_OF_THE_ABOVE bit in the STATUS_BYTE
• Sets the VOUT bit in the STATUS_WORD
• Sets the VOUT undervoltage warning bit in the STATUS_VOUT command
• Notifies the host by asserting ALERT pin, unless masked
This command has two data bytes and is formatted in Linear_16u format.
VOUT_UV_FAULT_LIMIT
The VOUT_UV_FAULT_LIMIT command reads the value of the output voltage measured by the UV supervisor com-
parator at the sense pins, in volts, which causes an output undervoltage fault.
This command has two data bytes and is formatted in Linear_16u format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com