Electronic Components Datasheet Search
  English  ▼

X  

LTM4682 Datasheet(PDF) 9 Page - Analog Devices

Part # LTM4682
Description  Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4682 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTM4682 Datasheet HTML 5Page - Analog Devices LTM4682 Datasheet HTML 6Page - Analog Devices LTM4682 Datasheet HTML 7Page - Analog Devices LTM4682 Datasheet HTML 8Page - Analog Devices LTM4682 Datasheet HTML 9Page - Analog Devices LTM4682 Datasheet HTML 10Page - Analog Devices LTM4682 Datasheet HTML 11Page - Analog Devices LTM4682 Datasheet HTML 12Page - Analog Devices LTM4682 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 130 page
background image
9
LTM4682
Rev. A
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified internal
operating temperature range (Note 2). Specified as each individual output channel (Note 4). TA = 25°C, VIN = 12V, RUNn = 3.3V,
RUNP = 12V, FREQUENCY_SWITCH = 575kHz and VOUTn commanded to 0.75V unless otherwise noted. Configured with factory-default
EEPROM settings and per Test Circuit 1, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD25_nn Regulator
VVDD25nn
Internal VDD25 Voltage
2.5
V
ILIM
VDD25 Current Limit
VDD25_nn = GND, VIN_nn = INTVCC_nn = 4.5V
80
mA
Oscillator and Phase-Locked Loop (PLL)
fRANGE
PLL SYNC Range
Synchronized with Falling Edge of SYNC
250
1000
kHz
fOSC
Oscillator Frequency Accuracy
Frequency Switch = 250kHz to 1000kHz (Note 14)
l
±7.5
%
VTH(SYNC_nn)
SYNC Input Threshold (Note 14)
VSYNC Falling
VSYNC Rising
1
1.5
V
V
VOL(SYNC_nn)
SYNC Low Output Voltage
ILOAD = 3mA (Note 14)
0.2
0.4
V
ILEAK(SYNC_nn)
SYNC Leakage Current in Subordinate
Mode
0V ≤ VSYNC_nn ≤ 3.6V
±5
µA
θSYNC-θ0, -θ2
SYNC to Ch0, Ch2 Phase
Relationship Based on the Falling
Edge of Sync and Rising Edge of
SW0, SW2
MFR_PWM_CONFIG[2:0] = 0,2,3
MFR_PWM_CONFIG[2:0] = 5
MFR_PWM_CONFIG[2:0] = 1
MFR_PWM_CONFIG[2:0]= 4,6
0
60
90
120
Deg
Deg
Deg
Deg
θSYNC-θ1, -θ3
SYNC to Ch1, Ch3 Phase
Relationship Based on the Falling
Edge of Sync and Rising Edge of
SW1, SW3
MFR_PWM_CONFIG[2:0] = 3
MFR_PWM_CONFIG[2:0] = 0
MFR_PWM_CONFIG[2:0] = 2,4,5
MFR_PWM_CONFIG[2:0] = 1
MFR_PWM_CONFIG[2:0] = 6
120
180
240
270
300
Deg
Deg
Deg
Deg
Deg
EEPROM Characteristics
Endurance
(Note 15)
0°C ≤ TJ ≤ 85°C During EEPROM Write Operations
l
10,000
Cycles
Retention
(Note 15)
TJ < 125°C
l
10
Years
Mass_Write
Mass Write Operation Time
STORE_USER_ALL, 0°C < TJ < 85°C
During EEPROM Write Operation
440
4100
ms
Leakage Current SDA_nn, SCL_nn, ALERT_nn, RUNn
IOL
Input Leakage Current
OV ≤ VPIN ≤ 5.5V
l
±5
µA
Leakage Current FAULTn, PGOODn
IGL
Input Leakage Current
OV ≤ VPIN ≤ 3.6V
l
±2
µA
Digital Inputs SCL_nn, SDA_nn, RUNn
VIH
Input High Threshold Voltage
l
1.35
V
VIL
Input Low Threshold Voltage
l
0.8
V
VHYST
Input Hysteresis
SCL, SDA
0.08
V
CPIN
Input Capacitance
10
pF
Digital Input WP_nn (Note 14) (Note 14)
IPUWP
Input Pull-Up Current
WP
10
µA
Open-Drain Outputs SCL_nn, SDA_nn, FAULTn, ALERT_nn, RUNn, SHARE_CLK_nn, PGOODn
VOL
Output Low Voltage
ISINK = 3mA
0.4
V
Digital Inputs SHARE_CLK_nn, WP_nn (Note 14)
VIH
Input High Threshold Voltage
l
1.5
1.8
V
VIL
Input Low Threshold Voltage
l
0.6
1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com