Electronic Components Datasheet Search
  English  ▼

X  

LTM4682 Datasheet(PDF) 41 Page - Analog Devices

Part # LTM4682
Description  Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4682 Datasheet(HTML) 41 Page - Analog Devices

Back Button LTM4682 Datasheet HTML 37Page - Analog Devices LTM4682 Datasheet HTML 38Page - Analog Devices LTM4682 Datasheet HTML 39Page - Analog Devices LTM4682 Datasheet HTML 40Page - Analog Devices LTM4682 Datasheet HTML 41Page - Analog Devices LTM4682 Datasheet HTML 42Page - Analog Devices LTM4682 Datasheet HTML 43Page - Analog Devices LTM4682 Datasheet HTML 44Page - Analog Devices LTM4682 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 130 page
background image
41
LTM4682
Rev. A
For more information www.analog.com
OPERATION
Global addressing provides a means for the PMBus main
device to address all LTM4682 devices on the bus. The
LTM4682 global address is fixed 0x5A (7-bit) or 0xB4
(8-bit) and cannot be disabled. Commands sent to
the global address act the same as if PAGE is set to a
value of 0xFF. Commands sent are written to both chan-
nels simultaneously. Global command 0x5B (7-bit) or
0xB6 (8-bit) is paged and allows channel-specific com-
mand of all LTM4682 devices on the bus. Other Analog
Devices IC types may respond at one or both of these
global addresses. Reading from global addresses is
strongly discouraged.
Device addressing provides the standard means of the
PMBus main device communicating with a single instance
of an LTM4682. The value of the device address is set by
a combination of the ASEL_nn configuration pin and the
MFR_ADDRESS command. When this addressing means
is used, the PAGE command determines the channel being
acted upon. Device addressing can be disabled by writing
a value of 0x80 to the MFR_ADDRESS.
Rail addressing provides a means for the bus main
device to communicate simultaneously with all channels
connected together to produce a single output voltage
(PolyPhase). While similar to global addressing, the rail
address can be dynamically assigned with the paged
MFR_RAIL_ADDRESS command, allowing for any logi-
cal grouping of channels that might be required for reli-
able system control. Reading from rail addresses is also
strongly discouraged.
All four means of PMBus addressing require the user to
employ disciplined planning to avoid addressing conflicts.
Communication to LTM4682 devices at global and rail
addresses should be limited to command write operations.
RESPONSES TO VOUT AND IIN/IOUT FAULTS
VOUT OV and UV conditions are monitored by com-
parators. The OV and UV limits are set in the following
three ways.
n
As a Percentage of the VOUT if Using the Resistor
Configuration Pins
n
In NVM, if Either Programmed at the Factory or Through
the GUI
n
By PMBus Command
The IIN and IOUT overcurrent monitors are performed by
ADC readings and calculations. Thus, these values are
based on average currents and can have a time latency
of up to tCONVERT. The IOUT calculation accounts for the
DCR and their temperature coefficient. The input current
equals to the voltage measured across the RSENSEn resis-
tor divided by the resistor value as set with the MFR_
IIN_CAL_GAIN command. If this calculated input current
exceeds the IN_OC_WARN_LIMIT, the ALERT_nn pin is
pulled low, and the IIN_OC_WARN bit is asserted in the
STATUS_INPUT command.
The digital processor within the LTM4682 provides the
ability to ignore the fault, shut down and latch off or shut
down and retry indefinitely (hiccup). The retry interval
is set in MFR_RETRY_DELAY and can be from 120ms
to 83.88 seconds in 10µs increments. The shutdown for
OV/UV and OC can be done immediately or after a user-
selectable deglitch time.
Output Overvoltage Fault Response
A programmable overvoltage comparator (OV) guards
against transient overshoots and long-term overvoltages
at the output. In such cases, the top MOSFET is turned off,
and the bottom MOSFET is turned on. However, the reverse
output current is monitored while the device is in OV fault.
When it reaches the limit, both top and bottom MOSFETs
are turned off. The top and bottom MOSFETs will keep their
state until the overvoltage condition is cleared, regardless
of the PMBus VOUT_OV_FAULT_RESPONSE command
byte value. This hardware-level fault response delay is typ-
ically 2µs from the overvoltage condition to BG asserted
high. Using the VOUT_OV_FAULT_RESPONSE command,
the user can select any of the following behaviors.
n
OV Pull-Down Only (OV Cannot Be Ignored)
n
Shut Down (Stop Switching) Immediately—Latch Off
n
Shut Down Immediately—Retry Indefinitely at the Time
Interval Specified in MFR_RETRY_DELAY
Either the Latch Off or Retry fault responses can be de-
glitched in increments of (0-7) • 10µs. See Table 17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com