Electronic Components Datasheet Search
  English  ▼

X  

ISL73006SLHDEMO2Z Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # ISL73006SLHDEMO2Z
Description  Radiation Hardened 18V, 1A Point-of-Load Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73006SLHDEMO2Z Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button ISL73006SLHDEMO2Z Datasheet HTML 23Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 24Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 25Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 26Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 27Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 28Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 29Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 30Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 31Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
R34DS0034EU0101 Rev.1.01
Page 28
Mar 13, 2024
ISL73006SLH Datasheet
7
DNB
----
8
AVCC
117
117
0
-1288.85
9
SLOPE
117
117
0
-1570.2
10
DNB
----
11
DNB
----
12
DNB
----
13
DNB
----
14
DNB
----
15
DNB
----
16
FB
117
117
1993.3
-1094.95
17
COMP
117
117
1993.3
-833.6
18
SGND
117
470
1993.3
-399.1
19
PG
117
117
1993.3
124.85
20
LX
193
658
1640.85
647
1. Origin of coordinates is the center of pad 3, other pad coordinates are pad centers. DNB - Do Not Bond to this pad.
Table 2. Die Layout X-Y Coordinates[1] (Cont.)
Pad Number
Pad Name
X Opening
Dimension
(µm)
Y Opening
Dimension
(µm)
X Center of Pad
Coordinate
Y Center of Pad
Coordinate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com