Electronic Components Datasheet Search
  English  ▼

X  

ISL73006SLHDEMO2Z Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL73006SLHDEMO2Z
Description  Radiation Hardened 18V, 1A Point-of-Load Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73006SLHDEMO2Z Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL73006SLHDEMO2Z Datasheet HTML 4Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 5Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 6Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 7Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 8Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 9Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 10Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 11Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
R34DS0034EU0101 Rev.1.01
Page 8
Mar 13, 2024
ISL73006SLH Datasheet
3.4
Electrical Specifications
Unless otherwise noted, PVIN = 3V and 18V; PGND = SGND = 0V; LX = Open Circuit; PGOOD is pulled up to PVIN with a 10k
resistor; IOUT = 0A; TJ = TA, rDS(ON) is pulse tested. Boldface limits apply across the operating temperature range, -55°C to
+125°C by production testing; over a total ionizing dose of 75krad(Si) at +25°C with exposure at a low dose rate of
<10mrad(Si)/s.
Parameter
Symbol
Test Conditions
Temp. (°C)
Min
Typ[1]
Max
Unit
Input Power Supply
Rising
Undervoltage
Lockout
VPVIN_UVLO
EN = 2.25V
-55 to +125
-
2.86
2.95
V
Falling
Undervoltage
Lockout
EN = 2.25V
-55 to +125
2.7
2.78
-
V
Operating Supply
Current
IPVIN_OPER
PVIN = 3V, EN = 2.25V, no load
-55 to +125
2
-
6
mA
PVIN = 12V, EN = 2.25V, no load
-55 to +125
5
-
12
mA
PVIN = 18V, EN = 2.25V, no load
-55 to +125
5
-
12.5
mA
Stand-by Supply
Current
IPVIN_SB
PVIN = 3V, EN = 1V
-55 to +125
1.05
1.31
1.5
mA
PVIN =18V, EN = 1V
-55 to +125
1
1.22
1.4
Shutdown Supply
Current
IPVIN_SD
PVIN = 3V, EN = 0V
-55 to +125
5
19
30
µA
PVIN = 18V, EN = 0V
-55 to +125
75
111
190
Output Regulation
Feedback Voltage
Accuracy[2]
VFB
VFB (including Error Amplifier VIO to
SGND)
-55
593.5
597
600
mV
+25
596
600
603
+125
596
600
603
+25
(Post Rad)
596
601
603.5
FB Leakage
Current[2]
IFB
PVIN = 12V, VFB = 0.6V
-55
-20
0.492
20
nA
+25
-20
0.49
20
+125
-20
1.767
20
+25
(Post Rad)
-20
0.49
20
Output Voltage
Tolerance Over
Input Voltage
Range
LNREG
PVIN = 3V, 18V using servo loop
-55 to +125
-0.11
0.039
0.25
%
Protection Features
Positive Peak
Current Limit[3]
IIPLIMIT1
PVIN = 3.2V
-55 to +125
1.5
2
2.6
A
PVIN ≥ 5V
-55 to +125
1.4
1.9
2.4
IIPLIMIT2
PVIN = 18
-55 to +125
1.7
2.2
2.6
Negative Peak
Current Limit[3]
-IIPLIMIT
-
+25
-2.0
-1.6
-1.3
A
-55 to +125
-2.0
-1.7
-1.3
Thermal
Shutdown[4]
ThermSD
Die Rising Temperature Threshold
-
-
161
-
°C
Thermal Reset[4]
ThermSD
Die Falling Temperature Threshold
-
-
148
-
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com