Electronic Components Datasheet Search
  English  ▼

X  

ISL73006SLHDEMO2Z Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL73006SLHDEMO2Z
Description  Radiation Hardened 18V, 1A Point-of-Load Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73006SLHDEMO2Z Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL73006SLHDEMO2Z Datasheet HTML 2Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 3Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 4Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 5Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 6Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 7Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 8Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 9Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
R34DS0034EU0101 Rev.1.01
Page 6
Mar 13, 2024
ISL73006SLH Datasheet
8SGND
3
Signal ground. The ground is associated with the internal control circuitry. Connect this pin directly
to the PCB ground plane at a single point. Pin 8 is connected to the thermal flash on the package
bottom and lid seal ring.
9PG
1
Power-good output. The pin is an open-drain logic output pulled to SGND when the output is
outside of the PGOOD range. The pin can be pulled to any voltage up to the PVIN abs maximum
limit. Renesas recommends using a nominal 1kΩ to 10kΩ pull-up resistor. Bypass this pin to the
PCB ground plane with a 100pF capacitor for SEE mitigation.
10
LX
N.A.
Switch node connection. Connect this pin to the output filter inductor. Internally, this pin is
connected to the common node of the synchronous MOSFET power switches.
ESD Circuits
Pin
Number
Pin
Name
ESD
Circuit
Description
Circuit 1
Circuit 2
Circuit 3
PIN
24V
CLAMP
PGND
PIN
8V
CLAMP
SGND
SGND
PGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com