Electronic Components Datasheet Search
  English  ▼

X  

ISL73006SLHDEMO2Z Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL73006SLHDEMO2Z
Description  Radiation Hardened 18V, 1A Point-of-Load Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73006SLHDEMO2Z Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL73006SLHDEMO2Z Datasheet HTML 6Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 7Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 8Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 9Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 10Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 11Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 12Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 13Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
R34DS0034EU0101 Rev.1.01
Page 10
Mar 13, 2024
ISL73006SLH Datasheet
Shutdown Enable
Voltage
SB_ENVIL
Enable Falling to VCC Disabled
-55 to +125
0.3
0.68
0.9
V
Enable Hysteresis
Voltage
ENHYS
Enable Rising to LX Switching - EN
Falling to VCC Disable
-55 to +125
20
80
175
mV
Low Enable
Current
ENIIL
Enable = 0V
-55 to +125
-20
0.426
20
nA
High Enable
Current
ENIIH
Enable = 5V
-55 to +125
1.7
2.4
3.1
µA
Enable (EN)
Pull-Down
Resistance
REN
PVIN = 12V
-55 to +125
1.7
2.3
2.9
MΩ
VCC
VCC Output
Voltage
VOUT3V,0mA
PVIN = 3V, IOUT = 0mA
-55 to +125
2.96
2.99
3
V
VOUT3V,10mA
PVIN = 3V, IOUT = 10mA
-55 to +125
2.93
2.97
2.98
VOUT5.5V,0mA
PVIN = 5.5V, IOUT = 0mA
-55 to +125
4.83
4.95
5
VOUT5.5V,10mA
PVIN = 5.5V, IOUT = 10mA
-55 to +125
4.82
4.94
5
VCC Foldback
Current
ICC_SC
PVIN = 18V, VCC = 0V, EN = 1.6V
-55 to +125
40
72
90
mA
VCC Overcurrent
Limit
ICC_CL
PVIN = 18V, VCC = 4.3V, EN = 1.6V
-55 to +125
75
98
130
mA
Power-Good
Output
Overvoltage Error
Threshold
OVPG
PVIN = 5V, FB as a % of VREF
-55 to +125
106.25
107.1
108.25
%
Output
Undervoltage
Error Threshold
UVPG
PVIN = 5V, FB as a % of VREF
-55 to +125
92.7
92.3
94.7
%
Output
Overvoltage Fault
OVflt
PVIN = 5V, FB as a % of VREF
-55 to +125
113.5
115
117.25
%
Output
Undervoltage
Fault
UVflt
PVIN = 5V, FB as a % of VREF
-55 to +125
82.5
85
87
%
Low Current Drive
PG_IOL
PVIN = 3V, PG = 0.4V, EN = 0V
-55 to +125
11
22
35
mA
Low VOUT
PG_VOL
PVIN = 18V, FB = 0V, EN = 0V,
IPG = 10mA
-55 to +125
-
0.15
0.27
V
Leakage
ILKGPG
PVIN = PG = 18V
-55 to +125
-
-
1
µA
Power Good
Rising Delay
tSSPGdlyr
PVIN = 5.5V From EN edge to PG high
-55 to +125
6.6
7.4
8.4
ms
Rising Edge Delay
tPGdlyr
Return to regulation to PG response
-55 to +125
1.9
3
4.2
µs
Falling Edge
Delay
tPGdlyf
Out of regulation to PG response
-55 to +125
3.5
4.3
5
µs
Unless otherwise noted, PVIN = 3V and 18V; PGND = SGND = 0V; LX = Open Circuit; PGOOD is pulled up to PVIN with a 10k
resistor; IOUT = 0A; TJ = TA, rDS(ON) is pulse tested. Boldface limits apply across the operating temperature range, -55°C to
+125°C by production testing; over a total ionizing dose of 75krad(Si) at +25°C with exposure at a low dose rate of
<10mrad(Si)/s. (Cont.)
Parameter
Symbol
Test Conditions
Temp. (°C)
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com