Electronic Components Datasheet Search
  English  ▼

X  

ISL73006SLHDEMO2Z Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ISL73006SLHDEMO2Z
Description  Radiation Hardened 18V, 1A Point-of-Load Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73006SLHDEMO2Z Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ISL73006SLHDEMO2Z Datasheet HTML 8Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 9Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 10Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 11Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 12Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 13Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 14Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 15Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
R34DS0034EU0101 Rev.1.01
Page 12
Mar 13, 2024
ISL73006SLH Datasheet
3.5
Operation Burn-In Deltas
4.
Typical Performance Curves
Unless otherwise noted, PVIN = 12V and 18V; PGND = SGND = 0V; LX = Open Circuit; PGOOD is pulled up to PVIN with a 10k
resistor; IOUT = 0A; TJ = TA = 25°C.
Parameter[1]
1. This data table shows the delta limits of critical parameters after 2000hrs of HTOL at 135°C.
Symbol
Test Conditions
Min
Max
Unit
Operating Supply Current
IPVIN_OPER
PVIN = 18V, EN = 5V, 500kHz, no
load
-2
+2
mA
Shutdown Supply Current
IPVIN_SD
PVIN = 18V, EN = 0V
-25
+25
µA
Reference Voltage Tolerance
VFB
PVIN = 18V, VFB (including Error
Amplifier VIO to SGND)
-2.35
+2.35
mV
Positive Peak Current Limit
IIPLIMIT1
PVIN = 12
-0.5
+0.5
A
Switching Frequency
fSW5
PVIN = 12
-10
+10
kHz
VCC Output Voltage
VOUT5.5V,10mA
PVIN = 5.5V, IOUT = 10mA
-0.015
+0.015
V
SLOPE Pin Current Source
ISLOPE
PVIN = 12
-0.2
+0.2
µA
TA = Room ambient, unless otherwise noted
Figure 5. Operating Supply Current vs Temperature
Figure 6. Standby Current vs Temperature
0
2
4
6
8
10
12
-55
0
25
85
125
Temperature (°C)
3V
12V
18V
0.8
0.9
1.0
1.1
1.2
1.3
1.4
-55
0
25
85
125
Temperature (°C)
3V
12V
18V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com