Electronic Components Datasheet Search
  English  ▼

X  

ISL73006SLHDEMO2Z Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL73006SLHDEMO2Z
Description  Radiation Hardened 18V, 1A Point-of-Load Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73006SLHDEMO2Z Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL73006SLHDEMO2Z Datasheet HTML 10Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 11Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 12Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 13Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 14Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 15Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 16Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 17Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
R34DS0034EU0101 Rev.1.01
Page 14
Mar 13, 2024
ISL73006SLH Datasheet
Figure 13. Undervoltage Lockout vs Temperature
Figure 14. VCC Isc vs PVIN
Figure 15. Switching Frequency vs Temperature
Figure 16. Minimum ON/OFF-Time vs Temperature
Figure 17. Upper FET rDS(ON) vs Temperature
Figure 18. Lower FET rDS(ON) vs Temperature
TA = Room ambient, unless otherwise noted (Cont.)
2.68
2.70
2.72
2.74
2.76
2.78
2.80
2.82
2.84
2.86
2.88
-55
0
25
85
125
Temperature (°C)
UVLO Vthr
UVLO Vthf
0
10
20
30
40
50
60
70
80
90
100
3.0 3.2 3.4 3.6 3.8 4.0 4.2 4.4 4.6 4.8 5.0 5.2 5.4 5.6 5.8
PVIN (V)
480
485
490
495
500
505
510
515
520
-55
0
25
85
125
Temperature (°C)
3V
12V
18V
150
170
190
210
230
250
270
-55
0
25
85
125
Temperature (°C)
TMIN_ON_3V
TMIN_ON_12V
TMIN_ON_18V
TMIN_OFF_3V
TMIN_OFF_12V
TMIN_OFF_18V
200
250
300
350
400
450
500
-55
0
25
85
125
Temperature (°C)
3V
5.5V
12V
18V
100
150
200
250
300
350
-55
0
25
85
125
Temperature (°C)
3V
5.5V
12V
18V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com