Electronic Components Datasheet Search
  English  ▼

X  

ISL73006SLHDEMO2Z Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # ISL73006SLHDEMO2Z
Description  Radiation Hardened 18V, 1A Point-of-Load Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73006SLHDEMO2Z Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button ISL73006SLHDEMO2Z Datasheet HTML 23Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 24Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 25Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 26Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 27Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 28Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 29Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 30Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 31Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
R34DS0034EU0101 Rev.1.01
Page 30
Mar 13, 2024
ISL73006SLH Datasheet
9.
Ordering Information
10. Revision History
Part Name[1]
1. These Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant and compatible with
both SnPb and Pb-free soldering operations.
Radiation Hardness
(Total Ionizing Dose)
Package Description
RoHS Compliant)
Pkg.
Dwg. #
Carrier
Type
Temp.
Range
ISL73006SLHMF
LDR to 75krad(Si)
10 Ld CDFP
K10.B
Tray
-55 to
+125°C
ISL73006SLHMX[2]
2. Die product tested at TA = + 25°C. The wafer probe test includes functional and parametric testing sufficient to make the die capable of
meeting the electrical performance outlined in the Electrical Specifications.
Die
N/A
N/A
ISL73006SLHF/PROTO[3]
3. The /PROTO and /SAMPLE are not rated or certified for Total Ionizing Dose (TID) or Single Event Effect (SEE) immunity. These parts
are intended for engineering evaluation purposes only. The /PROTO parts meet the electrical limits and conditions across temperature
specified in this datasheet. The /SAMPLE parts are capable of meeting the electrical limits and conditions specified in this datasheet.
The /SAMPLE parts do not receive 100% screening across temperature to the electrical limits. These part types do not come with a
Certificate of Conformance.
N/A (For Evaluation
Purposes)
10 Ld CDFP
K10.B
Tray
ISL73006SLHX/SAMPLE[2][3]
Die Sample
N/A
N/A
ISL73006SLHEV1Z[4]
4. The boards use the /PROTO parts. The /PROTO parts are not rated or certified for Total Ionizing Dose (TID) or Single Event Effect (SEE)
immunity.
12VIN to 3.3VOUT Evaluation Board
Includes feature configuration jumpers for loop and slope compensation, test points and transient
load generator
ISL73006SLHDEMO1Z[4]
5VIN to 1.2VOUT Mini Demonstration Board
Minimum BOM implementation with internally set loop and slope compensation
ISL73006SLHDEMO2Z[4]
12VIN to 3.3VOUT Mini Demonstration Board
Configured with externally set loop and slope compensation, set up for wide VIN of 8V to 16V to
3.3VOUT
ISL73006SLHDEMO3Z[4]
5VIN to -5VOUT Mini Demonstration Board
Configured with internally set loop and slope compensation, set up for VIN of 3V to 8V to -5VOUT
Revision
Date
Description
1.01
Mar 13, 2024
Corrected typo on page 1.
Updated EC table Heading and notes.
Updated the typical values for the following specifications:
▪ Standby Enable Voltage
▪ Shutdown Enable Voltage
▪ Enable Hysteresis Voltage
1.00
Dec 13, 2023
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com