Electronic Components Datasheet Search
  English  ▼

X  

ISL73006SLHDEMO2Z Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL73006SLHDEMO2Z
Description  Radiation Hardened 18V, 1A Point-of-Load Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73006SLHDEMO2Z Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL73006SLHDEMO2Z Datasheet HTML 1Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 2Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 3Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 4Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 5Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 6Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 7Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 8Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
R34DS0034EU0101 Rev.1.01
Page 5
Mar 13, 2024
ISL73006SLH Datasheet
2.
Pin Information
2.1
Pin Assignments
Figure 4. Pin Assignments - Top View
2.2
Pin Descriptions
Pin
Number
Pin
Name
ESD
Circuit
Description
1
PGND
3
Power-ground connection. Ground return for the low-side power MOSFET
2
PVIN
1
Power Input. Supplies the power switches of the buck converter.
3EN
2
Enable input. This input is a comparator-type input with a rising threshold of 1.2V. Bypass this pin
to the PCB ground plane with a 10nF ceramic capacitor to mitigate SEE. This pin can be tied to a
maximum of 5V.
4VCC
2
Linear regulator output from PVIN to provide an internal bias supply rail of up to 5V. Bypass this
pin to the PCB ground plane with a 2.2µF ceramic or low ESR Tantalum capacitor for stability,
SEE, and noise mitigation. VCC is not intended to bias external circuits
5SLOPE
2
Slope Compensation. Connect a resistor from this pin to GND to externally set the slope
compensation. This pin is a current source of 12µA into the external resistor. Connect the SLOPE
pin to VCC to use the default internal slope compensation voltage of 1.2V.
If not connected to VCC, add a 1nF capacitor from this pin to ground for SEE mitigation.
6FB
2
Error Amplifier inverting input. Connect a resistor divider from VOUT to GND with the midpoint
driving the FB pin.
7COMP
2
Error Amplifier output. The external compensation network is connected from this pin to GND.
Tie this pin to VCC to use the internal Error Amplifier compensation setup.
10
9
8
7
6
1
2
3
4
5
PGND
PVIN
EN
VCC
SLOPE
LX
PG
SGND
COMP
FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com