Electronic Components Datasheet Search
  English  ▼

X  

ISL73006SLHDEMO2Z Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ISL73006SLHDEMO2Z
Description  Radiation Hardened 18V, 1A Point-of-Load Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73006SLHDEMO2Z Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ISL73006SLHDEMO2Z Datasheet HTML 13Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 14Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 15Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 16Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 17Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 18Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 19Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 20Page - Renesas Technology Corp ISL73006SLHDEMO2Z Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
R34DS0034EU0101 Rev.1.01
Page 17
Mar 13, 2024
ISL73006SLH Datasheet
Figure 31. Overcurrent Protection Function
Figure 32. Negative Overcurrent Protection Function
Figure 33. Efficiency 5VIN to 2.5VOUT vs Case Temp
Figure 34. Efficiency 5VIN to 3.3VOUT vs Case Temp
Figure 35. Efficiency 12VIN to 3.3VOUT vs Case Temp
Figure 36. Efficiency 12VIN to 5VOUT vs Case Temp
TA = Room ambient, unless otherwise noted (Cont.)
VLX
ILX
VOUT
VLX
ILX
70
75
80
85
90
95
100
0.03 0.16 0.26 0.35 0.45 0.55 0.65 0.74 0.84 0.94
Output Current (A)
25Tc
75Tc
125Tc
70
75
80
85
90
95
100
0.03 0.16 0.26 0.36 0.45 0.55 0.65 0.75 0.84 0.94
Output Current (A)
25Tc
75Tc
125Tc
70
75
80
85
90
95
100
0.03 0.16 0.26 0.36 0.45 0.55 0.65 0.75 0.84 0.94
Output Current (A)
25Tc
75Tc
125Tc
70
75
80
85
90
95
100
0.03
0.19
0.36
0.49
0.65
0.78
0.94
Output Current (A)
25Tc
75Tc
125Tc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com